Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 183Page - Renesas Technology Corp M16C/29 Datasheet HTML 184Page - Renesas Technology Corp M16C/29 Datasheet HTML 185Page - Renesas Technology Corp M16C/29 Datasheet HTML 186Page - Renesas Technology Corp M16C/29 Datasheet HTML 187Page - Renesas Technology Corp M16C/29 Datasheet HTML 188Page - Renesas Technology Corp M16C/29 Datasheet HTML 189Page - Renesas Technology Corp M16C/29 Datasheet HTML 190Page - Renesas Technology Corp M16C/29 Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 499 page
background image
13. Timer S
p
u
o
r
G
9
2
/
C
6
1
M
page 163
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 13.22 Single-phase Waveform Output Mode
FFFF16
m
m
fBT1
65536-m
fBT1
Inverse
65536
fBT1
When setting to 0,
write 0 by program
Base timer
(1) Free-running operation
(The RST4, RST2, and RST1 bits in the G1BCR0 and G1BCR1 registers are set to 0)
(2) The base timer is reset when the base timer matches either following register
(a) G1PO0 (enabled by setting bit RST1 to 1, and bits RST4 and RST2 to 0), or
(b) G1BTRR (enabled by setting bit RST4 to 1, and bits RST2 and RST1 to 0)
000016
OUTC1j pin
G1IRj bit
G1IRj bit
j=0 to 7
m : Setting value of the G1POj register
G1IRj bit : Bits in the G1IR register
OUTC1j pin
FFFF16
m
n+2
Base timer
000016
Inverse
m
fBT1
n+2-m
fBT1
Inverse
n+2
fBT1
Return to default output level
Write 0 by program
if setting to 0
Return to default
output level
Inverse
Inverse
j=1 to 7
m : Setting value of the G1POj register
n: Setting value of either G1PO0 register or G1BTRR register
G1IRj bit : Bits in the G1IR register
The above applies under the following conditions.
-The IVL bit in the G1POCRj register is set to 0 ("L" output as a default value) and the INV
bit is set to 0 (not inversed).
-Bits UD1 to UD0 are set to 002 (counter increment mode).
The above applies under the following conditions.
-The IVL bit in the G1POCRj register is set to 0 ("L" output as a default value) and the INV bit is set to 0
(not inversed).
-Bits UD1 to UD0 are set to 002 (counter increment mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com