Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 179Page - Renesas Technology Corp M16C/29 Datasheet HTML 180Page - Renesas Technology Corp M16C/29 Datasheet HTML 181Page - Renesas Technology Corp M16C/29 Datasheet HTML 182Page - Renesas Technology Corp M16C/29 Datasheet HTML 183Page - Renesas Technology Corp M16C/29 Datasheet HTML 184Page - Renesas Technology Corp M16C/29 Datasheet HTML 185Page - Renesas Technology Corp M16C/29 Datasheet HTML 186Page - Renesas Technology Corp M16C/29 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 499 page
background image
13. Timer S
p
u
o
r
G
9
2
/
C
6
1
M
page 159
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 13.20 Time Measurement Function (2)
2. No interrupt is generated if the MCU receives a trigger signal when the G1IRj bit is set to 1.
1. Bits in the G1IR register.
2. Input pulse applied to the INPC1j pin requires 1.5 fBT1 clock cycles or more.
n-2
n-1
n
n+1 n+2 n+3 n+4 n+5 n+6 n+7 n+8 n+9 n+10 n+11 n+12 n+13 n+14
n
n +5
n+8
n-2
n-1
n
n+1 n+2 n+3 n+4 n+5 n+6 n+7 n+8 n+9 n+10 n+11 n+12 n+13 n+14
n
n+2
n+5
n+8
n+12
Delayed by 1 clock
fBT1
Base timer
INPC1j pin input or
trigger signal after
passing the digital
filter
G1TMj register
(a) When selecting the rising edge as a timer measurement trigger
(Bits CTS1 and CTS0 in the G1TMCRj register (j=0 to 7)=012)
G1IRj bit (1)
write 0 by program if setting to 0
NOTES :
.
(2)
(b)
When selecting both edges as a timer measurement trigger
(Bits CTS1 and CTS0 = 112)
Maximum 3.5 f1 or f2 or fBT1
clock cycles (1)
(c) Trigger signal when using digital filter
(Bits DF1 to DF0 in the G1TMCRj register =102 or 112)
Signals, which do not match 3
times, are stripped off
fBT1
Base timer
INPC1j pin input or
trigger signal after
passing the digital
filter
G1TMj register (2)
G1IRj bit (1)
f1 or f2 or fBT1 (1)
INPC1j pin
Trigger signal after
passing the digital
filter
NOTES :
.
1. Bits in the G1IR register.
However, the value of the G1TMj register is updated.
NOTE:
1. fBT1 when bits DF1 to DF0 are set to 102, and f1 or f2 when set to 112.
The trigger signal is delayed
by the digital filter
write 0 by program
if setting to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com