Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 180 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 180 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 176Page - Renesas Technology Corp M16C/29 Datasheet HTML 177Page - Renesas Technology Corp M16C/29 Datasheet HTML 178Page - Renesas Technology Corp M16C/29 Datasheet HTML 179Page - Renesas Technology Corp M16C/29 Datasheet HTML 180Page - Renesas Technology Corp M16C/29 Datasheet HTML 181Page - Renesas Technology Corp M16C/29 Datasheet HTML 182Page - Renesas Technology Corp M16C/29 Datasheet HTML 183Page - Renesas Technology Corp M16C/29 Datasheet HTML 184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 499 page
background image
13. Timer S
p
u
o
r
G
9
2
/
C
6
1
M
page 156
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
13.2 Interrupt Operation
The IC/OC interrupt contains several request causes. Figure 13.18 shows the IC/OC interrupt block dia-
gram and Table 13.4 shows the IC/OC interrupt assignation.
When either the base timer reset request or base timer overflow request is generated, the IR bit in the BTIC
register corresponding to the IC/OC base timer interrupt is set to 1 (with an interrupt request). Also when an
interrupt request in each eight channels (channel i) is generated, the bit i in the G1IR register is set to 1 (with
an interrupt request). At this time, if the bit i in the G1IE0 register is 1 (IC/OC interrupt 0 request enabled),
the IR bit in the ICOC0IC register corresponding to the IC/OC interrupt 0 is set to 1 (with an interrupt
request). And if the bit i in the G1IE1 register is 1 (IC/OC interrupt 1 request enabled), the IR bit in the
ICOC1IC register corresponding to the IC/OC interrupt 1 is set to 1(with an interrupt request).
Additionally, because each bit in the G1IR register is not automatically set to 0 even if the interrupt is
acknowledged, set to 0 by program. If these bits are left as 1, all IC/OC channel interrupt causes, which are
generated after setting the IR bit to 1, will be disabled.
Figure 13.18 IC/OC Interrupt and DMA request generation
Table 13.4 Interrupt Assignment
Interrupt
Interrupt control register
IC/OC base timer interrupt
BTIC(004716)
IC/OC interrupt 0
ICOC0IC(004516)
IC/OC interrupt 1
ICOC0IC(004616)
13.3 DMA Support
Each of the interrupt sources - the eight IC/OC channel interrupts and the one Base Timer interrupt - are
capable of generating a DMA request.
Interrupt Select Logic
Channel 0 to 7 Interrupt requests
DMA Requests (channel 0 to 7)
All register are read / write
G1IE0
G1IR
G1IE1
IC/OC interrupt 1 request
IC/OC interrupt 0 request
IC/OC base timer interrupt request
Base timer reset request
Base timer overflow request
Base Timer Interrupt / DMA Request
ENABLE
REQUEST
ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com