Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 179 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 179 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 175Page - Renesas Technology Corp M16C/29 Datasheet HTML 176Page - Renesas Technology Corp M16C/29 Datasheet HTML 177Page - Renesas Technology Corp M16C/29 Datasheet HTML 178Page - Renesas Technology Corp M16C/29 Datasheet HTML 179Page - Renesas Technology Corp M16C/29 Datasheet HTML 180Page - Renesas Technology Corp M16C/29 Datasheet HTML 181Page - Renesas Technology Corp M16C/29 Datasheet HTML 182Page - Renesas Technology Corp M16C/29 Datasheet HTML 183Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 499 page
background image
13. Timer S
p
u
o
r
G
9
2
/
C
6
1
M
page 155
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
13.1.1 Base Timer Reset Register(G1BTRR)
The G1BTRR register provides the capability to reset the base timer when the base timer count value
matches the value stored in the G1BTRR register. The G1BTRR register is enabled by the RST4 bit
in the G1BCR0 register. This function is identical in operation to the G1PO0 base timer reset that is
enabled by the RST1 bit in the G1BCR0 reigster. If the free-running operation is not selected, the
channel 0 can be used for a waveform generation when the base timer is reset by the G1BTRR
register. Do not enable bits RST1 and RST4 simultaneously.
Figure 13.15 Base Timer Reset operation by Base Timer Reset Register
Figure 13.16 Base Timer Reset operation by G1PO0 register
_______
Figure 13.17 Base Timer Reset operation by INT1
NOTE:
________
________
1. INT1 Base Timer reset does not generate a Base Timer interrupt. INT1 may generate an interrupt if enabled.
Base timer
G1BTRR register
(Base timer reset register)
Base timer interrupt
RST4
m - 2 m - 1
m
m + 1 000016
m
Base timer overflow request (1)
NOTE:
1. Following conditions are required to generate a base timer overflow request by resetting the base timer.
If the IT bit is set to 0: 07FFF16 ≤ m ≤ 0FFFE16
If the IT bit is set to 1: 07FFF16 ≤ m ≤ 0FFFE16 or 0BFFF16 ≤ m ≤ 0FFFE16
000116
Base timer
G1PO0
G1IR0
RST1
m - 2 m - 1
m
m + 1 000016
m
000116
RST2
Base timer
P83/INT1
m - 2 m - 1
m
m + 1 000016 000116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com