Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 181 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 177Page - Renesas Technology Corp M16C/29 Datasheet HTML 178Page - Renesas Technology Corp M16C/29 Datasheet HTML 179Page - Renesas Technology Corp M16C/29 Datasheet HTML 180Page - Renesas Technology Corp M16C/29 Datasheet HTML 181Page - Renesas Technology Corp M16C/29 Datasheet HTML 182Page - Renesas Technology Corp M16C/29 Datasheet HTML 183Page - Renesas Technology Corp M16C/29 Datasheet HTML 184Page - Renesas Technology Corp M16C/29 Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 499 page
background image
13. Timer S
p
u
o
r
G
9
2
/
C
6
1
M
page 157
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
13.4 Time Measurement Function
In synchronization with an external trigger input, the value of the base timer is stored into the G1TMj
register (j=0 to 7). Table 13.5 shows specifications of the time measurement function. Table 13.6 shows
register settings associated with the time measurement function. Figures 13.19 and 13.20 display opera-
tional timing of the time measurement function. Figure 13.21 shows operational timing of the prescaler
function and the gate function.
Table 13.5 Time Measurement Function Specifications
Item
Specification
Measurement channel
Channels 0 to 7
Selecting trigger input polarity
Rising edge, falling edge, both edges of the INPC1j pin (1)
Measurement start condition
The IFEj bit in the G1FE register should be set to 1 (channels j function
enabled) when the FSCj bit (j=0 to 7) in the G1FS register is set to 1 (time
measurement function selected).
Measurement stop condition
The IFEj bit should be set to 0 (channel j function disabled)
Time measurement timing
•No prescaler : every time a trigger signal is applied
•Prescaler (for channel 6 and channel 7):
every
G1TPRk (k=6,7) register value +1 times a trigger signal is applied
Interrupt request generation timing
The G1IRi bit (i=0 to 7) in the interrupt request register (See Figure 13.9) is
set to 1 at time measurement timing
INPC1j pin function (1)
Trigger input pin
Selectable function
• Digital filter function
The digital filter samples a trigger input signal level every f1, f2 or fBT1
cycles and passes pulse signal matching trigger input signal level three
times
• Prescaler function (for channel 6 and channel 7)
Time measurement is executed every
G1TPRk register value +1 times a
trigger signal is applied
• Gate function (for channel 6 and channel 7)
After time measurement by the first trigger input, trigger input cannot be
accepted. However, while the GOC bit in the G1TMCRk register is set to 1
(gate cleared by matching the base timer with the G1POp register (p=4
when k=6, p=5 when k=7)), trigger input can be accepted again by
matching the base timer value with the G1POp register setting
• Digital Debounce function (for channel7)
________
See 13.6.2 Digital Debounce Function for P17/INT5/INPC17 and 19.6
Digital Debounce Function
for details
NOTE:
1. The INPC10 to INPC17 pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com