Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 181Page - Renesas Technology Corp M16C/29 Datasheet HTML 182Page - Renesas Technology Corp M16C/29 Datasheet HTML 183Page - Renesas Technology Corp M16C/29 Datasheet HTML 184Page - Renesas Technology Corp M16C/29 Datasheet HTML 185Page - Renesas Technology Corp M16C/29 Datasheet HTML 186Page - Renesas Technology Corp M16C/29 Datasheet HTML 187Page - Renesas Technology Corp M16C/29 Datasheet HTML 188Page - Renesas Technology Corp M16C/29 Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 499 page
background image
13. Timer S
p
u
o
r
G
9
2
/
C
6
1
M
page 161
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
13.5 Waveform Generating Function
Waveforms are generated when the base timer value matches the G1POj (j=0 to 7) register value.
The waveform generating function has the following three modes :
• Single-phase waveform output mode
• Phase-delayed waveform output mode
• Set/Reset waveform output (SR waveform output) mode
Table 13.7
lists registers associated with the waveform generating function.
Table 13.7 Registers Related to the Waveform Generating Function Settings
Register
Bit
Function
G1POCRj
MOD1 to MOD0
Select output waveform mode
IVL
Select default value
RLD
Select G1POj register value reload timing
INV
Select inverse output
G1POj
-
Select timing to output waveform inverted
G1FS
FSCj
Set to 0 (waveform generating function)
G1FE
IFEj
Set to 1 (enables function on channel j)
j = 0 to 7
Bit configurations and functions vary with channels used.
Registers associated with the waveform generating function must be set after setting registers associated with the base timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com