Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 186 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 182Page - Renesas Technology Corp M16C/29 Datasheet HTML 183Page - Renesas Technology Corp M16C/29 Datasheet HTML 184Page - Renesas Technology Corp M16C/29 Datasheet HTML 185Page - Renesas Technology Corp M16C/29 Datasheet HTML 186Page - Renesas Technology Corp M16C/29 Datasheet HTML 187Page - Renesas Technology Corp M16C/29 Datasheet HTML 188Page - Renesas Technology Corp M16C/29 Datasheet HTML 189Page - Renesas Technology Corp M16C/29 Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 499 page
background image
13. Timer S
p
u
o
r
G
9
2
/
C
6
1
M
page 162
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
13.5.1 Single-Phase Waveform Output Mode
Output signal level of the OUTC1j pin becomes high ("H") when the INV bit in the G1POCRj (j=0 to 7)
register is set to 0(output is not reversed) and the base timer value matches the G1POj (j=0 to 7) register
value. The "H" signal switches to a low-level ("L") signal when the base timer reaches 000016. Table 13.8
lists specifications of single-phase waveform mode. Figure 13.22 lists an example of single-phase wave-
form mode operation.
Table 13.8 Single-phase Waveform Output Mode Specifications
Item
Specification
Output waveform
• Free-running operation
(bits RST1, RST2, and RST4 of registers G1BCR1 and G1BCR0 are set to 0
(no reset))
Cycle
:
Default output level width :
Inverse level width
:
• The base timer is cleared to 000016 by matching the base timer with either
following register
(a) G1PO0 register (enabled by setting RST1 bit to 1, and RST4 and RST2 bits to 0), or
(b) G1BTRR register (enabled by setting RST4 bit to 1, and RST2 and RST1 bits to 0)
Cycle
:
Default output level width :
Inverse level width
:
m : setting value of the G1POj register (j=0 to 7), 000116 to FFFD16
n : setting value of the G1PO0 register or the G1BTRR register, 000116 to FFFD16
Waveform output start condition
The IFEj bit in the G1FE register is set to 1 (channel j function enabled)
Waveform output stop condition
The IFEj bit is set to 0 (channel j function disabled)
Interrupt request
The G1IRj bit in the G1IR register is set to 1 when the base timer value
matches the G1POj register value (See Figure 13.22)
OUTC1j pin (1)
Pulse signal output pin
Selectable function
• Default value set function: Set starting waveform output level
• Inverse output function: Waveform output signal is inversed and provided
from the OUTC1j pin
m
fBT1
65536-m
fBT1
n+2
fBT1
m
fBT1
n+2-m
fBT1
65536
fBT1
NOTE:
1. Pins OUTC10 to OUTC17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com