Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 189 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 189 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 185Page - Renesas Technology Corp M16C/29 Datasheet HTML 186Page - Renesas Technology Corp M16C/29 Datasheet HTML 187Page - Renesas Technology Corp M16C/29 Datasheet HTML 188Page - Renesas Technology Corp M16C/29 Datasheet HTML 189Page - Renesas Technology Corp M16C/29 Datasheet HTML 190Page - Renesas Technology Corp M16C/29 Datasheet HTML 191Page - Renesas Technology Corp M16C/29 Datasheet HTML 192Page - Renesas Technology Corp M16C/29 Datasheet HTML 193Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 499 page
background image
13. Timer S
p
u
o
r
G
9
2
/
C
6
1
M
page 165
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 13.23 Phase-delayed Waveform Output Mode
FFFF16
m
65536
fBT1
65536X2
fBT1
000016
FFFF16
m
n+2
000016
65536
fBT1
m
fBT1
n+2
fBT1
n+2
fBT1
2(n+2)
fBT1
Base timer
(1) Free-running operation
(Bits RST4, RST2, and RST1 in the registers G1BCR0 and G1BCR1 are set to 0)
OUTC1j pin
G1IRj bit
j=0 to 7
m : Setting value of the G1POj register
G1IRj bit : Bits in the G1IR register
Inverse
Write 0 by program
if setting to 0
Inverse
(2) Base timer is reset when the base timer matches either following register
(a) G1PO0 (enabled by setting bit RST1 to 1, and bits RST4 and RST2 to 0), or
(b) G1BTRR (enabled by setting bit RST4 to 1, and bits RST2 and RST1 to 0)
G1IRj bit
OUTC1j pin
Base timer
Write 0 by program
if setting to 0
Inverse
j=1 to 7
m : Setting value of the G1POj register
n: Setting value of either register G1PO0 or G1BTRR
G1IRj bit : Bits in the G1IR register
The above applies under the following conditions.
The IVL bit in the G1POCRj register is set to 0 (L output as a default value).
The INV bit is set to 0 (not inversed).
Bits UD1 to UD0 are set to 002 (counter increment mode).
The above applies under the following conditions.
The IVL bit in the G1POCRj register is set to 0 (L output as a default value). The INV bit
is set to 0 (not inversed).
Bits UD1 to UD0 are set to 002 (counter increment mode).
Inverse
Inverse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com