Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 184 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 184 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 180Page - Renesas Technology Corp M16C/29 Datasheet HTML 181Page - Renesas Technology Corp M16C/29 Datasheet HTML 182Page - Renesas Technology Corp M16C/29 Datasheet HTML 183Page - Renesas Technology Corp M16C/29 Datasheet HTML 184Page - Renesas Technology Corp M16C/29 Datasheet HTML 185Page - Renesas Technology Corp M16C/29 Datasheet HTML 186Page - Renesas Technology Corp M16C/29 Datasheet HTML 187Page - Renesas Technology Corp M16C/29 Datasheet HTML 188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 499 page
background image
13. Timer S
p
u
o
r
G
9
2
/
C
6
1
M
page 160
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 13.21 Prescaler Function and Gate Function
NOTE:
1. Bits in the G1IR register.
G1IRj bit (1)
fBT1
fBT1
Base timer
G1IRj bit (2)
G1TMj register
Internal time
measurement trigger
Prescaler (1)
(a) With the prescaler function
(When the G1TPRj register (j = 6, 7) is set to 0216, the PR bit in the G1TMCRj register (j = 6, 7) is set to 1)
Base timer
INPC1j pin input or
trigger signal after
passing the digital
filter
Internal time
measurement trigger
IFEj bit in G1FE
register
G1POk register
match signal
Gate control signal
G1TMj register
Value of the G1POk register
This trigger input is disabled
due to gate function.
21
0
FFFF16
000016
n-2
n-1
n
n+2 n+3 n+4 n+5 n+6 n+7 n+8 n+9 n+10 n+11
n+14
n+1
n+13
2
(b) With the gate function
(The gate function is cleared by matching the base timer with the G1POk register(k = 4, 5),
the GT bit in the G1TMCRj register is set to 1, the GOC bit is set to 1)
INPC1j pin input or
trigger signal after
passing the digital
filter
Set 0 by program if necessary
Set 0 by program if necessary
Gate
Gate
Gate cleared
n+1
+12 n+13
NOTES:
1. This applies to 2nd or later prescaler cycle after the PR bit in the G1TMCRj register is set to 1 (prescaler used).
2. Bits in the G1IR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com