Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 182 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 182 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 178Page - Renesas Technology Corp M16C/29 Datasheet HTML 179Page - Renesas Technology Corp M16C/29 Datasheet HTML 180Page - Renesas Technology Corp M16C/29 Datasheet HTML 181Page - Renesas Technology Corp M16C/29 Datasheet HTML 182Page - Renesas Technology Corp M16C/29 Datasheet HTML 183Page - Renesas Technology Corp M16C/29 Datasheet HTML 184Page - Renesas Technology Corp M16C/29 Datasheet HTML 185Page - Renesas Technology Corp M16C/29 Datasheet HTML 186Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 499 page
background image
13. Timer S
p
u
o
r
G
9
2
/
C
6
1
M
page 158
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Table 13.6 Register Settings Associated with the Time Measurement Function
Register
Bit
Function
G1TMCRj
CTS1 to CTS0
Select time measurement trigger
DF1 to DF0
Select the digital filter function
GT, GOC, GSC
Select the gate function
PR
Select the prescaler function
G1TPRk
-
Setting value of prescaler
G1FS
FSCj
Set to 1 (time measurement function)
G1FE
IFEj
Set to 1 (channel j function enabled)
j = 0 to 7 k = 6, 7
Bit configurations and function varys with channels used.
Registers associated with the time measurement function must be set after setting registers associated with the base timer.
Figure 13.19 Time Measurement Function (1)
FFFF16
p
p
n
n
m
m
Base timer
INPC1j pin input
000016
G1TMj register
G1IRj bit
When setting to 0, write 0 by program
j = 0 to 7
G1IRj bit: Bits in the G1IR register
Set the base timer to 000016 (setting the RST1 bit to 1, and bits RST4 and RST2 to 0),
when the base timer value matches the G1PO0 register setting. The base timer is set to 000016
after it reaches the G1PO0 register value + 2.
The above applies to the following condition.
Bits CTS1 to CTS0 in the G1TMCRj registers are set to 012 (rising edge). The PR bit is
set to 0 (no prescaler used) and the GT bit is set to 0 (no gate function used).
Bits RTS4, RTS2, and RTS1 in registers G1BCR0 and G1BCR1 are set to 0 (no base
timer reset). Bits UD1 to UD0 bits are set to 002 (counter increment mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com