Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 173Page - Renesas Technology Corp M16C/29 Datasheet HTML 174Page - Renesas Technology Corp M16C/29 Datasheet HTML 175Page - Renesas Technology Corp M16C/29 Datasheet HTML 176Page - Renesas Technology Corp M16C/29 Datasheet HTML 177Page - Renesas Technology Corp M16C/29 Datasheet HTML 178Page - Renesas Technology Corp M16C/29 Datasheet HTML 179Page - Renesas Technology Corp M16C/29 Datasheet HTML 180Page - Renesas Technology Corp M16C/29 Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 499 page
background image
13. Timer S
p
u
o
r
G
9
2
/
C
6
1
M
page 153
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 13.12 Counter Increment Mode
Figure 13.13 Counter Increment/Decrement Mode
FFFF16
800016
000016
400016
C00016
State of a counter
Base Timer interrupts
1
0
b14 overflow signal
1
0
b15 overflow signal
Base Timer interrupt
IT=0 in the G1BCR0 register
(Base timer interrupt generated
by the bit 15 overflow)
IT=1 in the G1BCR0 register
(Base timer interrupt generated
by the bit 14 overflow)
The above applies to the following conditions.
The RST4 bit in the G1BCR0 register is set to 0 (the base timer is not reset by matching the G1BTRR register)
The RST1 bit in the G1BCR1 register is set to 0 (the base timer is not reset by matching the G1PO0 register)
Bits UD1 to UD0 in the G1BCR1 register are set to 002 (counter increment mode)
FFFF16
800016
400016
C00016
000016
State of a counter
1
0
Base Timer interrupts
b14 overflow signal
1
0
b15 overflow signal
Base Timer interrupt
IT=0 in the G1BCR0 register
(Base timer interrupt generated
by the bit 15 overflow)
IT=1 in the G1BCR0 register
(Base timer interrupt generated
by the bit 14 overflow)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com