Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 203 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 203 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 199Page - Renesas Technology Corp M16C/29 Datasheet HTML 200Page - Renesas Technology Corp M16C/29 Datasheet HTML 201Page - Renesas Technology Corp M16C/29 Datasheet HTML 202Page - Renesas Technology Corp M16C/29 Datasheet HTML 203Page - Renesas Technology Corp M16C/29 Datasheet HTML 204Page - Renesas Technology Corp M16C/29 Datasheet HTML 205Page - Renesas Technology Corp M16C/29 Datasheet HTML 206Page - Renesas Technology Corp M16C/29 Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 499 page
background image
14. Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 179
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 14.9 U2SMR3 and U2SMR4 Registers
UART2 Special Mode Register 3
Symbol
Address
After Reset
U2SMR3
037516
000X0X0X2
b7 b6 b5 b4 b3 b2 b1 b0
Bit Name
Bit
Symbol
Function
DL2
SDA2 digital delay
setup bit
(1, 2)
DL0
DL1
0 0 0 : Without delay
0 0 1 : 1 to 2 cycle(s) of U2BRG count source
0 1 0 : 2 to 3 cycles of U2BRG count source
0 1 1 : 3 to 4 cycles of U2BRG count source
1 0 0 : 4 to 5 cycles of U2BRG count source
1 0 1 : 5 to 6 cycles of U2BRG count source
1 1 0 : 6 to 7 cycles of U2BRG count source
1 1 1 : 7 to 8 cycles of U2BRG count source
Nothing is assigned. If necessary, set to 0.
When read, the content is undefined
b7 b6 b5
0 : Without clock delay
1 : With clock delay
Clock phase set bit
0 : CLK2 is CMOS output
1 : CLK2 is N-channel open drain output
Clock output select bit
CKPH
NODC
RW
RW
RW
RW
RW
RW
(b0)
Nothing is assigned. If necessary, set to 0.
When read, the content is undefined
Nothing is assigned. If necessary, set to 0.
When read, the content is undefined
(b2)
(b4)
NOTES:
1. Bits DL2 to DL0 are used to generate a delay in SDA output by digital means during I2C bus mode. In other than I2C bus
mode,set these bits to 0002 (no delay).
2. The amount of delay varies with the load on pins SCL2 and SDA2. Also, when using an external clock, the amount of
delay increases by about 100 ns.
UART2 Special Mode Register 4
Symbol
Address
After Reset
U2SMR4
037416
0016
b7 b6 b5 b4 b3 b2 b1 b0
Bit Name
Bit
Symbol
RW
Function
ACKC
SCLHI
SWC9
Start condition
generate bit (1)
Stop condition
generate bit(1)
0 : Clear
1 : Start
SCL2,SDA2 output
select bit
ACK data bit
Restart condition
generate bit (1)
0 : Clear
1 : Start
0 : Clear
1 : Start
STAREQ
RSTAREQ
STPREQ
ACKD
0 : Start and stop conditions not output
1 : Start and stop conditions output
SCL2 output stop
enable bit
ACK data output
enable bit
0 : Disabled
1 : Enabled
0 : ACK
1 : NACK
0 : Serial I/O data output
1 : ACK data output
NOTE:
1. Set to 0 when each condition is generated.
STSPSEL
0 : SCL2 “L” hold disabled
1 : SCL2 “L” hold enabled
SCL2 wait bit 3
RW
RW
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com