Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 207 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 207 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 203Page - Renesas Technology Corp M16C/29 Datasheet HTML 204Page - Renesas Technology Corp M16C/29 Datasheet HTML 205Page - Renesas Technology Corp M16C/29 Datasheet HTML 206Page - Renesas Technology Corp M16C/29 Datasheet HTML 207Page - Renesas Technology Corp M16C/29 Datasheet HTML 208Page - Renesas Technology Corp M16C/29 Datasheet HTML 209Page - Renesas Technology Corp M16C/29 Datasheet HTML 210Page - Renesas Technology Corp M16C/29 Datasheet HTML 211Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 499 page
background image
14. Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 183
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 14.10 Typical transmit/receive timings in clock synchronous serial I/O mode
D0 D1 D2 D3 D4 D5 D6 D7
D0 D1 D2 D3 D4 D5 D6 D7
D0 D1 D2 D3 D4 D5 D6 D7
Tc
TCLK
Stopped pulsing because the TE bit = 0
Write data to the UiTB register
Tc = TCLK = 2(n + 1) / fj
fj: frequency of UiBRG count source (f 1SIO, f2SIO, f8SIO, f32SIO)
n: value set to UiBRG register
i: 0 to 2
Transfer clock
UiC1 register
TE bit
UiC1 register
TI bit
CLKi
TxDi
“H”
“L”
0
1
0
1
0
1
CTSi
0
1
Stopped pulsing because CTSi = “H”
1 / fEXT
Write dummy data to UiTB register
UiC1 register
TE bit
UiC1 register
TI bit
CLKi
RxDi
UiC1 register
RI bit
RTSi
“H”
“L”
0
1
0
1
0
1
UiC1 register
RE bit
0
1
Receive data is taken in
Transferred from UiTB register to UARTi transmit register
Read out from UiRB register
fEXT: frequency of external clock
Transferred from UARTi receive register
to UiRB register
SiRIC register
IR bit
0
1
D0 D1 D2 D3 D4 D5 D6 D7
D0 D1 D2 D3 D4 D5
Transferred from UiTB register to UARTi transmit register
Make sure the following conditions are met when input
to the CLKi pin before receiving data is high:
• UiC0 register TE bit is set to 1 (transmit enabled)
• UiC0 register RE bit is set to 1 (Receive enabled)
• Write dummy data to the UiTB register
The above timing diagram applies to the case where the register bits are set as follows:
• The CKDIR bit in the UiMR register is set to 0 (internal clock)
• The CRD bit in the UiC0 register is set to 0 (CTS/RTS enabled); CRS bit is set to 0 (CTS selected)
• The CKPOL bit in the UiC0 register is set to 0 (transmit data output at the falling edge and receive data taken in at the rising edge of the
transfer clock)
• The UiIRS bit is set to 0 (an interrupt request occurs when the transmit buffer becomes empty): U0IRS bit is the bit 0 in the UCON register
U1IRS bit is the bit 1 in the UCON register, and U2IRS bit is the bit 4 in the U2C1 register.
Cleared to 0 when interrupt request is
accepted, or cleared to 0 by program
Cleared to “0” when interrupt request is accepted, or cleared to 0 by program
The above timing diagram applies to the case where the register bits are set
as follows:
• The CKDIR bit in the UiMR register is set to 1 (external clock)
• The CRD bit in the UiC0 register is set to 0 (CTS/RTS enabled);
The CRS bit is set to 1 (RTS selected)
• UiC0 register CKPOL bit is set to 0 (transmit data output at the falling edge and
receive data taken in at the rising edge of the transfer clock)
UiC0 register
TXEPT bit
SiTIC register
IR bit
Even if the reception is completed, the RTS
does not change. The RTS becomes “L”
when the RI bit changes to 0 from 1.
(1) Example of Transmit Timing (Internal clock is selected)
(2) Example of Receive Timing (External clock is selected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com