Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 205 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 205 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 201Page - Renesas Technology Corp M16C/29 Datasheet HTML 202Page - Renesas Technology Corp M16C/29 Datasheet HTML 203Page - Renesas Technology Corp M16C/29 Datasheet HTML 204Page - Renesas Technology Corp M16C/29 Datasheet HTML 205Page - Renesas Technology Corp M16C/29 Datasheet HTML 206Page - Renesas Technology Corp M16C/29 Datasheet HTML 207Page - Renesas Technology Corp M16C/29 Datasheet HTML 208Page - Renesas Technology Corp M16C/29 Datasheet HTML 209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 499 page
background image
14. Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 181
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Table 14.2 Registers to Be Used and Settings in Clock Synchronous Serial I/O Mode
Register
Bit
Function
UiTB(3)
0 to 7
Set transmission data
UiRB(3)
0 to 7
Reception data can be read
OER
Overrun error flag
UiBRG
0 to 7
Set bit rate
UiMR(3)
SMD2 to SMD0
Set to 0012
CKDIR
Select the internal clock or external clock
IOPOL(i=2) (4)
Set to 0
UiC0
CLK1 to CLK0
Select the count source for the UiBRG register
CRS
_______
_______
Select CTS or RTS to use
TXEPT
Transmit register empty flag
CRD
_______
_______
Enable or disable the CTS or RTS function
NCH
Select TxDi pin output mode
CKPOL
Select the transfer clock polarity
UFORM
Select the LSB first or MSB first
UiC1
TE
Set this bit to 1 to enable transmission/reception
TI
Transmit buffer empty flag
RE
Set this bit to 1 to enable reception
RI
Reception complete flag
U2IRS (1)
Select the source of UART2 transmit interrupt
U2RRM (1)
Set this bit to 1 to use UART2 continuous receive mode
U2LCH (3)
Set this bit to 1 to use UART2 inverted data logic
U2ERE (3)
Set to 0
U2SMR
0 to 7
Set to 0
U2SMR2
0 to 7
Set to 0
U2SMR3
0 to 2
Set to 0
NODC
Select clock output mode
4 to 7
Set to 0
U2SMR4
0 to 7
Set to 0
UCON
U0IRS, U1IRS
Select the source of UART0/UART1 transmit interrupt
U0RRM, U1RRM
Set this bit to 1 to use continuous receive mode
CLKMD0
Select the transfer clock output pin when CLKMD1 is set to 1
CLKMD1
Set this bit to 1 to output UART1 transfer clock from two pins
RCSP
_________
Set this bit to 1 to accept as input the UART0 CTS0 signal from the P64 pin
7
Set to 0
NOTES:
1. Set bits 5 and 4 in registers U0C1 and U1C1 to 0. Bits U0IRS, U1IRS, U0RRM, and U1RRM are in the
UCON register.
2. Not all register bits are described above. Set those bits to 0 when writing to the registers in clock
synchronous serial I/O mode.
3. Set bits 7 and 6 in registers U0C1 and U1C1 to 0.
4. Set the bit 7 in registers U0MR and U1MR to 0.
i=0 to 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com