Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 215 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 211Page - Renesas Technology Corp M16C/29 Datasheet HTML 212Page - Renesas Technology Corp M16C/29 Datasheet HTML 213Page - Renesas Technology Corp M16C/29 Datasheet HTML 214Page - Renesas Technology Corp M16C/29 Datasheet HTML 215Page - Renesas Technology Corp M16C/29 Datasheet HTML 216Page - Renesas Technology Corp M16C/29 Datasheet HTML 217Page - Renesas Technology Corp M16C/29 Datasheet HTML 218Page - Renesas Technology Corp M16C/29 Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 499 page
background image
14. Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 191
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 14.16 Typical transmit timing in UART mode (UART0, UART1)
Start
bit
Parity
bit
TxDi
CTSi
1
0
1
“L”
“H”
0
1
0
1
TxDi
0
1
0
1
0
1
Transfer clock
Tc
0
1
Tc
Transfer clock
D0 D1 D2 D3 D4 D5 D6 D7
ST
PD0 D1 D2 D3 D4 D5 D6 D7
SP
ST
P SP
D0 D1
ST
Stop
bit
Start
bit
The transfer clock stops momentarily as CTSi is “H” when the stop bit is checked.
The transfer clock starts as the transfer starts immediately CTSi changes to “L”.
D0 D1 D2 D3 D4 D5 D6 D7
ST
SP
D8
D0 D1 D2 D3 D4 D5 D6 D7
ST
D8
D0 D1
ST
SPSP
Stop
bit
Stop
bit
0
SP
Stopped pulsing
because the TE bit
= “0”
Write data to the UiTB register
UiC1 register
TE bit
UiC1 register
TI bit
UiC0 register
TXEPT bit
SiTIC register
IR bit
Transferred from UiTB register to UARTi transmit register
The above timing diagram applies to the case where the register bits
are set as follows:
• Set the PRYE bit in the UiMR register to 1 (parity enabled)
• Set the STPS bit in the UiMR register to 0 (1 stop bit)
• Set the CRD bit in the UiC0 register to 0 (CTS/RTS enabled),
the CRS bit to 0 (CTS selected).
• Set the UiIRS bit to 1 (an interrupt request occurs when transmit completed):
U0IRS bit is the UCON register bit 0, U1IRS bit is the UCON
register bit 1, and U2IRS bit is the U2C1 register bit 4
Cleared to 0 when interrupt request is accepted, or cleared to 0 by program
UiC1 register
TE bit
UiC1 register
TI bit
UiC0 register
TXEPT bit
SiTIC register
IR bit
Cleared to 0 when interrupt request is accepted, or cleared to 0 by program
Write data to the UiTB register
Transferred from UiTB register to UARTi
transmit register
The above timing diagram applies to the case where the register bits are
set as follows:
• Set the PRYE bit in the UiMR register to 0 (parity disabled)
• Set the STPS bit in the UiMR register to 1 (2 stop bits)
• Set the CRD bit in the UiC0 register to 1 (CTS/RTS disabled)
• Set the UiIRS bit to 0 (an interrupt request occurs when transmit buffer
becomes empty):
U0IRS bit is the UCON register bit 0, U1IRS bit is the UCON
register bit 1, and U2IRS bit is the U2C1 register bit 4
• Example of transmit timing when transfer data is 9-bit long (parity disabled, two stop bits)
• Example of transmit timing when transfer data is 8-bit long (parity enabled, one stop bit)
Tc = 16 (n + 1) / fj or 16 (n + 1) / fEXT
fj: frequency of UiBRG count source (f1SIO, f2SIO, f8SIO, f32SIO)
fEXT: frequency of UiBRG count source (external clock)
n: value set to UiBRG
i = 0 to 2
Tc = 16 (n + 1) / fj or 16 (n + 1) / fEXT
fj: frequency of UiBRG count source (f1SIO, f2SIO, f8SIO, f32SIO)
fEXT: frequency of UiBRG count source (external clock)
n: value set to UiBRG
i = 0 to 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com