Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 223 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 223 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 219Page - Renesas Technology Corp M16C/29 Datasheet HTML 220Page - Renesas Technology Corp M16C/29 Datasheet HTML 221Page - Renesas Technology Corp M16C/29 Datasheet HTML 222Page - Renesas Technology Corp M16C/29 Datasheet HTML 223Page - Renesas Technology Corp M16C/29 Datasheet HTML 224Page - Renesas Technology Corp M16C/29 Datasheet HTML 225Page - Renesas Technology Corp M16C/29 Datasheet HTML 226Page - Renesas Technology Corp M16C/29 Datasheet HTML 227Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 499 page
background image
14. Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 199
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
U2SMR4 STAREQ
Set this bit to 1 to generate start
Set to 0
condition
RSTAREQ
Set this bit to 1 to generate restart
Set to 0
condition
STPREQ
Set this bit to 1 to generate stop
Set to 0
condition
STSPSEL
Set this bit to 1 to output each condition
Set to 0
ACKD
Select ACK or NACK
Select ACK or NACK
ACKC
Set this bit to 1 to output ACK data
Set this bit to 1 to output ACK data
SCLHI
Set this bit to 1 to have SCL2 output
Set to 0
stopped when stop condition is detected
SWC9
Set to 0
Set this bit to 1 to set the SCL2 to “L”
hold at the falling edge of the 9th bit of
clock
Register
Bit
Function
Master
Slave
Table 14.12 Registers to Be Used and Settings in I2C bus Mode (2) (Continued)
NOTE:
1: Not all bits in the register are described above. Set those bits to 0 when writing to the registers in I2C bus mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com