Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 229 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 229 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 225Page - Renesas Technology Corp M16C/29 Datasheet HTML 226Page - Renesas Technology Corp M16C/29 Datasheet HTML 227Page - Renesas Technology Corp M16C/29 Datasheet HTML 228Page - Renesas Technology Corp M16C/29 Datasheet HTML 229Page - Renesas Technology Corp M16C/29 Datasheet HTML 230Page - Renesas Technology Corp M16C/29 Datasheet HTML 231Page - Renesas Technology Corp M16C/29 Datasheet HTML 232Page - Renesas Technology Corp M16C/29 Datasheet HTML 233Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 499 page
background image
14. Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 205
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
14.1.3.7 ACK and NACK
If the STSPSEL bit in the U2SMR4 register is set to 0 (start and stop conditions not generated) and the
ACKC bit in the U2SMR4 register is set to 1 (ACK data output), the value of the ACKD bit in the
U2SMR4 register is output from the SDA2 pin.
If the IICM2 bit is set to 0, a NACK interrupt request is generated if the SDA2 pin remains high at the
rising edge of the 9th bit of transmit clock pulse. An ACK interrupt request is generated if the SDA2 pin
is low at the rising edge of the 9th bit of transmit clock pulse.
If ACK2 is selected for the cause of DMA1 request, a DMA transfer can be activated by detection of an
acknowledge.
14.1.3.8 Initialization of Transmission/Reception
If a start condition is detected while the STAC bit is set to 1 (UART2 initialization enabled), the serial I/
O operates as described below.
- The transmit shift register is initialized, and the content of the U2TB register is transferred to the
transmit shift register. In this way, the serial I/O starts sending data synchronously with the next clock
pulse applied. However, the UART2 output value does not change state and remains the same as
when a start condition was detected until the first bit in the data is output synchronously with the input
clock.
- The receive shift register is initialized, and the serial I/O starts receiving data synchronously with the
next clock pulse applied.
- The SWC bit is set to 1 (SCL2 wait output enabled). Consequently, the SCL2 pin is pulled low at the
falling edge of the ninth clock pulse.
Note that when UART2 transmission/reception is started using this function, the TI does not change
state. Note also that when using this function, the selected transfer clock should be an external clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com