Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 228 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 228 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 224Page - Renesas Technology Corp M16C/29 Datasheet HTML 225Page - Renesas Technology Corp M16C/29 Datasheet HTML 226Page - Renesas Technology Corp M16C/29 Datasheet HTML 227Page - Renesas Technology Corp M16C/29 Datasheet HTML 228Page - Renesas Technology Corp M16C/29 Datasheet HTML 229Page - Renesas Technology Corp M16C/29 Datasheet HTML 230Page - Renesas Technology Corp M16C/29 Datasheet HTML 231Page - Renesas Technology Corp M16C/29 Datasheet HTML 232Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 499 page
background image
14. Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 204
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
14.1.3.4 Transfer Clock
Data is transmitted/received using a transfer clock like the one shown in Figure 14.25.
The CSC bit in the U2SMR2 register is used to synchronize the internally generated clock (internal
SCL2) and an external clock supplied to the SCL2 pin. In cases when the CSC bit is set to 1 (clock
synchronization enabled), if a falling edge on the SCL2 pin is detected while the internal SCL2 is high,
the internal SCL2 goes low, at which time the U2BRG register value is reloaded with and starts count-
ing in the low-level interval. If the internal SCL2 changes state from low to high while the SCL2 pin is
low, counting stops, and when the SCL2 pin goes high, counting restarts.
In this way, the UART2 transfer clock is comprised of the logical product of the internal SCL2 and SCL2
pin signal. The transfer clock works from a half period before the falling edge of the internal SCL2 1st
bit to the rising edge of the 9th bit. To use this function, select an internal clock for the transfer clock.
The SWC bit in the U2SMR2 register allows to select whether the SCL2 pin should be fixed to or freed
from low-level output at the falling edge of the 9th clock pulse.
If the SCLHI bit in the U2SMR4 register is set to 1 (enabled), SCL2 output is turned off (placed in the
high-impedance state) when a stop condition is detected.
Setting the SWC2 bit in the U2SMR2 register is set to 1 (0 output) makes it possible to forcibly output
a low-level signal from the SCL2 pin even while sending or receiving data. Clearing the SWC2 bit to 0
(transfer clock) allows the transfer clock to be output from or supplied to the SCL2 pin, instead of
outputting a low-level signal.
If the SWC9 bit in the U2SMR4 register is set to 1 (SCL2 hold low enabled) when the CKPH bit in the
U2SMR3 register is set to 1, the SCL2 pin is fixed to low-level output at the falling edge of the clock
pulse next to the ninth. Setting the SWC9 bit to 0 (SCL2 hold low disabled) frees the SCL2 pin from
low-level output.
14.1.3.5 SDA Output
The data written to the bit 7 to bit 0 (D7 to D0) in the U2TB register is sequentially output beginning
with D7. The ninth bit (D8) is ACK or NACK.
The initial value of SDA2 transmit output can only be set when IICM is set to 1 (I2C bus mode) and bits
SMD2 to SMD0 in the U2MR register is set to 0002 (serial I/O disabled).
Bits DL2 to DL0 in the U2SMR3 register allow to add no delays or a delay of 2 to 8 U2BRG count
source clock cycles to SDA2 output.
Setting the SDHI bit in the U2SMR2 register to 1 (SDA2 output disabled) forcibly places the SDA2 pin
in the high-impedance state. Do not write to the SDHI bit synchronously with the rising edge of the
UART2 transfer clock. This is because the ABT bit may inadvertently be set to 1 (detected).
14.1.3.6 SDA Input
When the IICM2 bit is set to 0, the 1st to 8th bits (D7 to D0) in the received data are stored in bits 7 to
0 in the U2RB register. The 9th bit (D8) is ACK or NACK.
When the IICM2 bit is set to 1, the 1st to 7th bits (D7 to D1) in the received data are stored in the bit 6
to bit 0 in the U2RB register and the 8th bit (D0) is stored in the bit 8 in the U2RB register. Even when
the IICM2 bit is set to 1, providing the CKPH bit is set to 1, the same data as when the IICM2 bit is set
to 0 can be read out by reading the U2RB register after the rising edge of the corresponding clock
pulse of 9th bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com