Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 227Page - Renesas Technology Corp M16C/29 Datasheet HTML 228Page - Renesas Technology Corp M16C/29 Datasheet HTML 229Page - Renesas Technology Corp M16C/29 Datasheet HTML 230Page - Renesas Technology Corp M16C/29 Datasheet HTML 231Page - Renesas Technology Corp M16C/29 Datasheet HTML 232Page - Renesas Technology Corp M16C/29 Datasheet HTML 233Page - Renesas Technology Corp M16C/29 Datasheet HTML 234Page - Renesas Technology Corp M16C/29 Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 499 page
background image
14. Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 207
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Table 14.16 Registers to Be Used and Settings in Special Mode 2
Register
Bit
Function
U2TB(1)
0 to 7
Set transmission data
U2RB(1)
0 to 7
Reception data can be read
OER
Overrun error flag
U2BRG
0 to 7
Set bit rate
U2MR(1)
SMD2 to SMD0
Set to 0012
CKDIR
Set this bit to 0 for master mode or 1 for slave mode
IOPOL
Set to 0
U2C0
CLK1, CLK0
Select the count source for the U2BRG register
CRS
Invalid because CRD is set to 1
TXEPT
Transmit register empty flag
CRD
Set to 1
NCH
Select TxD2 pin output format
CKPOL
Clock phases can be set in combination with the CKPH bit in the U2SMR3 register
UFORM
Select the LSB first or MSB first
U2C1
TE
Set this bit to 1 to enable transmission
TI
Transmit buffer empty flag
RE
Set this bit to 1 to enable reception
RI
Reception complete flag
U2IRS
Select UART2 transmit interrupt cause
U2RRM,
Set to 0
U2LCH, U2ERE
U2SMR
0 to 7
Set to 0
U2SMR2
0 to 7
Set to 0
U2SMR3
CKPH
Clock phases can be set in combination with the CKPOL bit in the U2C0 register
NODC
Set to 0
0, 2, 4 to 7
Set to 0
U2SMR4
0 to 7
Set to 0
NOTE:
1.Not all bits in the registers are described above. Set those bits to 0 when writing to the registers in Special Mode 2.
Figure 14.26 Serial Bus Communication Control Example (UART2)
P13
P12
P70(TxD2)
P72(CLK2)
P71(RxD2)
P93
P70(TxD2)
P72(CLK2)
P71(RxD2)
P93
P70(TxD2)
P72(CLK2)
P71(RxD2)
MCU
(Master)
MCU
(Slave)
MCU
(Slave)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com