Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 235 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 235 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 231Page - Renesas Technology Corp M16C/29 Datasheet HTML 232Page - Renesas Technology Corp M16C/29 Datasheet HTML 233Page - Renesas Technology Corp M16C/29 Datasheet HTML 234Page - Renesas Technology Corp M16C/29 Datasheet HTML 235Page - Renesas Technology Corp M16C/29 Datasheet HTML 236Page - Renesas Technology Corp M16C/29 Datasheet HTML 237Page - Renesas Technology Corp M16C/29 Datasheet HTML 238Page - Renesas Technology Corp M16C/29 Datasheet HTML 239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 499 page
background image
14. Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 211
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 14.30 Bus Collision Detect Function-Related Bits
(2) The ACSE bit in the U2SMR register (auto clear of transmit enable bit)
(1) The ABSCS bit in the U2SMR register (bus collision detect sampling clock select)
If ABSCS=0, bus collision is determined at the rising edge of the transfer clock
Transfer clock
Timer A0
(3) The SSS bit in the U2SMR register (Transmit start condition select)
Transmission enable condition is met
If SSS bit = 1, the serial I/O starts sending data at the rising edge (Note 1) of RxD2
TxD2
CLK2
TxD2
RxD2
TxD2
RxD2
ST
D0
D1
D2
D3
D4
D5
D6
D7
D8
SP
Input to TA0IN
If ABSCS is set to 1, bus collision is determined when timer
A0 (one-shot timer mode) underflows
.
TxD2
RxD2
ST
D0
D1
D2
D3
D4
D5
D6
D7
D8
SP
ST
D0
D1
D2
D3
D4
D5
D6
D7
D8
SP
ST
D0
D1
D2
D3
D4
D5
D6
D7
D8
SP
Transfer clock
BCNIC register
IR bit (Note)
U2C1 register
TE bit
If ACSE bit is set to 1
automatically clear when bus collision
occurs), the TE bit is cleared to 0
(transmission disabled) when
the IR bit in the BCNIC register is
set to 1 (unmatching detected).
If SSS bit is set to 0, the serial I/O starts sending data one transfer clock cycle after the transmission enable condition is met.
Transfer clock
(Note 2)
NOTES:
1: The falling edge of RxD2 when the IOPOL is set to 0; the rising edge of RxD2 when the IOPOL is set to 1.
2: The transmit condition must be met before the falling edge (Note 1) of RxD.
This diagram applies to the case where the IOPOL is set to 1 (reversed)
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com