Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 233Page - Renesas Technology Corp M16C/29 Datasheet HTML 234Page - Renesas Technology Corp M16C/29 Datasheet HTML 235Page - Renesas Technology Corp M16C/29 Datasheet HTML 236Page - Renesas Technology Corp M16C/29 Datasheet HTML 237Page - Renesas Technology Corp M16C/29 Datasheet HTML 238Page - Renesas Technology Corp M16C/29 Datasheet HTML 239Page - Renesas Technology Corp M16C/29 Datasheet HTML 240Page - Renesas Technology Corp M16C/29 Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 499 page
background image
14. Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 213
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Table 14.19 Registers to Be Used and Settings in SIM Mode
Register
Bit
Function
U2TB(1)
0 to 7
Set transmission data
U2RB(1)
0 to 7
Reception data can be read
OER,FER,PER,SUM Error flag
U2BRG
0 to 7
Set bit rate
U2MR
SMD2 to SMD0
Set to 1012
CKDIR
Select the internal clock or external clock
STPS
Set to 0
PRY
Set this bit to 1 for direct format or 0 for inverse format
PRYE
Set to 1
IOPOL
Set to 0
U2C0
CLK1, CLK0
Select the count source for the U2BRG register
CRS
Invalid because CRDis set to 1
TXEPT
Transmit register empty flag
CRD
Set to 1
NCH
Set to 0
CKPOL
Set to 0
UFORM
Set this bit to 0 for direct format or 1 for inverse format
U2C1
TE
Set this bit to 1 to enable transmission
TI
Transmit buffer empty flag
RE
Set this bit to 1 to enable reception
RI
Reception complete flag
U2IRS
Set to 1
U2RRM
Set to 0
U2LCH
Set this bit to 0 for direct format or 1 for inverse format
U2ERE
Set to 1
U2SMR(1) 0 to 3
Set to 0
U2SMR2
0 to 7
Set to 0
U2SMR3
0 to 7
Set to 0
U2SMR4
0 to 7
Set to 0
NOTE:
1. Not all register bits are described above. Set those bits to 0 when writing to the registers in SIM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com