Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 238 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 238 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 234Page - Renesas Technology Corp M16C/29 Datasheet HTML 235Page - Renesas Technology Corp M16C/29 Datasheet HTML 236Page - Renesas Technology Corp M16C/29 Datasheet HTML 237Page - Renesas Technology Corp M16C/29 Datasheet HTML 238Page - Renesas Technology Corp M16C/29 Datasheet HTML 239Page - Renesas Technology Corp M16C/29 Datasheet HTML 240Page - Renesas Technology Corp M16C/29 Datasheet HTML 241Page - Renesas Technology Corp M16C/29 Datasheet HTML 242Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 499 page
background image
14. Serial I/O
p
u
o
r
G
9
2
/
C
6
1
M
page 214
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 14.31 Transmit and Receive Timing in SIM Mode
D0 D1 D2 D3 D4 D5 D6 D7
ST
PD0 D1 D2 D3 D4 D5 D6 D7
ST
P
SP
D0 D1 D2 D3 D4 D5 D6 D7
ST
P
D0 D1 D2 D3 D4 D5 D6 D7
ST
P
SP
D0 D1 D2 D3 D4 D5 D6 D7
ST
P
D0 D1 D2 D3 D4 D5 D6 D7
ST
P
SP
SP
D0 D1 D2 D3 D4 D5 D6 D7
ST
P
D0 D1 D2 D3 D4 D5 D6 D7
ST
P
SP
SP
Start
bit
Parity
bit
0
1
0
1
0
1
Set to 0 by an interrupt request acknowledgement or by program
Tc
Transfer Clock
Stop
bit
Data is written to
the UART2 register
An "L" signal is applied from the SIM
card due to a parity error
An interrupt routine
detects "H" or "L"
TxD2
0
1
Transfer Clock
Read the U2RB register
RxD2 pin Level(2)
TxD2
RxD2 pin Level(1)
Data is transferred from the U2TB
register to the UART2 transmit
register
RE bit in U2C1
register
RI bit in U2C1
register
IR bit in S2RIC
register
TE bit in U2C1
register
TI bit in U2C1
register
TXEPT bit in U2
C0 register
IR bit in S2TIC
register
Start
bit
Set to 0 by an interrupt request acknowledgement or by program
Stop
bit
TxD2 outputs "L" due
to a parity error
Parity
bit
0
1
0
0
1
(1) Transmit Timing
(2) Receive Timing
Parity Error Signal
returned from
Receiving End
Transmit Waveform
from the
Transmitting End
1
SP
An interrupt routine detects
"H" or "L"
SP
TC
The above timing diagram applies to the case where data is
transferred in the direct format.
• U2MR register STPS bit = 0 (1 stop bit)
• U2MR register PRY bit = 1 (even)
• U2C0 register UFORM bit = 0 (LSB first)
• U2C1 register U2LCH bit = 0 (no reverse)
• U2C1 register U2IRSCH bit = 1 (transmit is completed)
Tc = 16 (n + 1) / fi or 16 (n + 1) / f EXT
fi : frequency of U2BRG count source (f 1SIO, f2SIO, f8SIO, f32SIO)
fEXT : frequency of U2BRG count source (external clock)
n : value set to U2BRG
The above timing diagram applies to the case where data is
transferred in the direct format.
• U2MR register STPS bit = 0 (1 stop bit)
• U2MR register PRY bit = 1 (even)
• U2C0 register UFORM bit = 0 (LSB first)
• U2C1 register U2LCH bit = 0 (no reverse)
• U2C1 register U2IRSCH bit = 1 (transmit is completed)
Tc = 16 (n + 1) / fi or 16 (n + 1) / f EXT
fi : frequency of U2BRG count source (f 1SIO, f2SIO, f8SIO, f32SIO)
fEXT : frequency of U2BRG count source (external clock)
n : value set to U2BRG
NOTES:
1. Because TxD2 and RxD2 are connected, this is composite waveform consisting of the TxD2 output and the parity error
signal sent back from receiver.
2. Because TxD2 and RxD2 are connected, this is composite waveform consisting of the transmitter's transmit waveform
and the parity error signal received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com