Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 250 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 250 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 246Page - Renesas Technology Corp M16C/29 Datasheet HTML 247Page - Renesas Technology Corp M16C/29 Datasheet HTML 248Page - Renesas Technology Corp M16C/29 Datasheet HTML 249Page - Renesas Technology Corp M16C/29 Datasheet HTML 250Page - Renesas Technology Corp M16C/29 Datasheet HTML 251Page - Renesas Technology Corp M16C/29 Datasheet HTML 252Page - Renesas Technology Corp M16C/29 Datasheet HTML 253Page - Renesas Technology Corp M16C/29 Datasheet HTML 254Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 499 page
background image
15. A/D Converter
p
u
o
r
G
9
2
/
C
6
1
M
page 226
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 15.4 ADSTAT0 Register and AD0 to AD7 Registers
A/D Register i (i=0 to 7) Symbol
Address
After Reset
AD0
03C116 to 03C016
Undefined
AD1
03C316 to 03C216
Undefined
AD2
03C516 to 03C416
Undefined
AD3
03C716 to 03C616
Undefined
AD4
03C916 to 03C816
Undefined
AD5
03CB16 to 03CA16
Undefined
AD6
03CD16 to 03CC16
Undefined
AD7
03CF16 to 03CE16
Undefined
Eight low-order bits of
A/D conversion result
Function
(b15)
b7
b7
b0
b0
(b8)
When the BITS bit in the ADCON1
register is 1 (10-bit mode)
Nothing is assigned. If necessary, set to 0.
When read, its content is 0
When read, its content is
undefined
RW
RO
RO
Two high-order bits of
A/D conversion result
When the BITS bit in the ADCON1
register is 0 (8-bit mode)
A/D conversion result
A/D Conversion Status Register 0 (1)
Symbol
Address
After reset
ADSTAT0
03D316
0016
b7 b6 b5 b4 b3 b2 b1 b0
AN1 trigger status flag
0: AN1 trigger did not occur during
AN0 conversion
1: AN1 trigger occured during
AN0 conversion
Bit Symbol
Bit Name
Function
RW
ADERR0
Conversion termination flag
AN0 conversion status flag
ADSTT0
ADERR1
ADTCSF
RW
RO
RW
RO
RO
Nothing is assigned. If necessary, set to 0.
When read, its content is 0
(b2)
ADSTRT0 AN0 conversion
completion status flag
0: Conversion not terminated
1: Conversion terminated by
Timer B0 underflow
Delayed trigger sweep
status flag
0: Sweep not in progress
1: Sweep in progress
0: AN0 conversion not in progress
1: AN0 conversion in progress
ADSTT1
RW
0: AN0 conversion not completed
1: AN0 conversion completed
ADSTRT1
RW
AN1 conversion status flag 0: AN1 conversion not in progress
1: AN1 conversion in progress
AN1 conversion
completion status flag
0: AN1 conversion not completed
1: AN1 conversion completed
NOTE:
1. ADSTAT0 register is valid only when the DTE bit in the ADTRGCON register is set to 1.
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com