Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 252 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 248Page - Renesas Technology Corp M16C/29 Datasheet HTML 249Page - Renesas Technology Corp M16C/29 Datasheet HTML 250Page - Renesas Technology Corp M16C/29 Datasheet HTML 251Page - Renesas Technology Corp M16C/29 Datasheet HTML 252Page - Renesas Technology Corp M16C/29 Datasheet HTML 253Page - Renesas Technology Corp M16C/29 Datasheet HTML 254Page - Renesas Technology Corp M16C/29 Datasheet HTML 255Page - Renesas Technology Corp M16C/29 Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 499 page
background image
15. A/D Converter
p
u
o
r
G
9
2
/
C
6
1
M
page 228
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
15.1 Operating Modes
15.1.1 One-Shot Mode
In one-shot mode, analog voltage applied to a selected pin is once converted to a digital code. Table
15.3
shows the one-shot mode specifications. Figure 15.6 shows the operation example in one-shot
mode. Figure 15.7 shows registers ADCON0 to ADCON2 in one-shot mode.
Table 15.3 One-shot Mode Specifications
Item
Specification
Function
Bits CH2 to CH0 in the ADCON0 register and registers ADGSEL1 and
ADGSEL0 in the ADCON2 register select pins. Analog voltage applied to a
selected pin is once converted to a digital code
A/D Conversion Start
• When the TRG bit in the ADCON0 register is 0 (software trigger)
Condition
Set the ADST bit in the ADCON0 register to 1 (A/D conversion started)
• When the TRG bit in the ADCON0 register is 1 (hardware trigger)
The ADTRG pin input changes state from “H” to “L” after setting the
ADST bit to 1 (A/D conversion started)
A/D Conversion Stop
• A/D conversion completed (If a software trigger is selected, the ADST bit is
Condition
set to 0 (A/D conversion halted)).
• Set the ADST bit to 0
Interrupt Request Generation Timing A/D conversion completed
Analog Input Pin
Select one pin from AN0 to AN7, AN00 to AN07, AN20 to AN27, AN30 to AN32
Readout of A/D Conversion Result Readout one of registers AD0 to AD7 that corresponds to the selected pin
Figure 15.6 Operation Example in One-Shot Mode
•Example when selecting AN2 to an analog input pin (Ch2 to CH0 = 0102)
AN0
AN1
AN2
AN3
AN4
AN5
AN6
AN7
A/D conversion started
A/D interrupt request generated
A/D pin input voltage
sampling
A/D pin conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com