Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 254 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 254 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 250Page - Renesas Technology Corp M16C/29 Datasheet HTML 251Page - Renesas Technology Corp M16C/29 Datasheet HTML 252Page - Renesas Technology Corp M16C/29 Datasheet HTML 253Page - Renesas Technology Corp M16C/29 Datasheet HTML 254Page - Renesas Technology Corp M16C/29 Datasheet HTML 255Page - Renesas Technology Corp M16C/29 Datasheet HTML 256Page - Renesas Technology Corp M16C/29 Datasheet HTML 257Page - Renesas Technology Corp M16C/29 Datasheet HTML 258Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 499 page
background image
15. A/D Converter
p
u
o
r
G
9
2
/
C
6
1
M
page 230
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
15.1.2 Repeat mode
In repeat mode, analog voltage applied to a selected pin is repeatedly converted to a digital code. Table
15.4
shows the repeat mode specifications. Figure 15.8 shows the operation example in repeat mode.
Figure 15.9
shows the ADCON0 to ADCON2 registers in repeat mode.
Item
Specification
Function
Bits CH2 to CH0 in the ADCON0 register and the ADGSEL1 to ADGSEL0 bits
in the ADCON2 register select pins. Analog voltage applied to a selected pin
is repeatedly converted to a digital code
A/D Conversion Start
• When the TRG bit in the ADCON0 register is 0 (software trigger)
Condition
Set the ADST bit in the ADCON0 register to 1 (A/D conversion started)
• When the TRG bit in the ADCON0 register is 1 (hardware trigger)
The ADTRG pin input changes state from “H” to “L” after setting the ADST bit
to 1 (A/D conversion started)
A/D Conversion Stop Condition Set the ADST bit to 0 (A/D conversion halted)
Interrupt Request Generation Timing None generated
Analog Input Pin
Select one pin from AN0 to AN7, AN00 to AN07, AN20 to AN27, and AN30 to AN32
Readout of A/D Conversion Result Readout one of the AD0 to AD7 registers that corresponds to the selected pin
Table 15.4 Repeat Mode Specifications
Figure 15.8 Operation Example in Repeat Mode
•Example when selecting AN2 to an analog input pin (Ch2 to CH0 = 0102)
A/D conversion started
AN0
AN1
AN2
AN3
AN4
AN5
AN6
AN7
A/D pin input voltage
sampling
A/D pin conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com