Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 259 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 259 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 255Page - Renesas Technology Corp M16C/29 Datasheet HTML 256Page - Renesas Technology Corp M16C/29 Datasheet HTML 257Page - Renesas Technology Corp M16C/29 Datasheet HTML 258Page - Renesas Technology Corp M16C/29 Datasheet HTML 259Page - Renesas Technology Corp M16C/29 Datasheet HTML 260Page - Renesas Technology Corp M16C/29 Datasheet HTML 261Page - Renesas Technology Corp M16C/29 Datasheet HTML 262Page - Renesas Technology Corp M16C/29 Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 499 page
background image
15. A/D Converter
p
u
o
r
G
9
2
/
C
6
1
M
page 235
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 15.13 ADCON0 to ADCON2 Registers in Repeat Sweep Mode 0
A/D Control Register 0 (1)
Symbol
Address
After Reset
ADCON0
03D616
00000XXX2
b7 b6 b5 b4 b3 b2 b1 b0
Analog input pin select bit
CH0
Bit Symbol
Bit Name
Function
CH1
CH2
A/D operation mode
select bit 0
MD0
MD1
Trigger select bit
0: Software trigger
1: Hardware trigger (ADTRG trigger)
TRG
ADST
A/D conversion start flag
0: A/D conversion disabled
1: A/D conversion started
Frequency select bit 0
See Table 15.2
CKS0
RW
NOTE:
1. If the ADCON0 register is rewritten during A/D conversion, the conversion result will be undefined.
RW
RW
RW
RW
RW
RW
RW
RW
Invalid in repeat sweep mode 0
b4 b3
1 1: Repeat sweep mode 0 or
repeat sweep mode 1
A/D Control Register 1 (1)
Symbol
Address
After Reset
ADCON1
03D716
0016
Bit Name
Function
Bit Symbol
b7 b6 b5 b4 b3 b2 b1 b0
A/D sweep pin select bit (2)
SCAN0
SCAN1
MD2
BITS
8/10-bit mode select bit
0: 8-bit mode
1: 10-bit mode
VCUT
A/D operation mode
select bit 1
0: Other than repeat sweep mode 1
1: Vref connected
Frequency select bit 1
CKS1
RW
RW
RW
RW
RW
RW
RW
See Table 15.2
Nothing is assigned. If necessary, set to 0.
When read, the content is 0
(b7-b6)
NOTES:
1. If the ADCON1 register is rewritten during A/D conversion, the conversion result will be undefined.
2. AN00 to AN07, AN20 to AN27, and AN30 to AN32 can be used in the same way as AN0 to AN7. Use bits ADGSEL1
and ADGSEL 0 in the ADCON2 register to select the desired pin.
3. If the VCUT bit is reset from 0 (Vref unconnected) to 1 (Vref connected), wait for 1 µs or more before starting A/D
conversion.
Vref connect Bit (3)
A/D Control Register 2(1)
Symbol
Address
After Reset
ADCON2
03D416
0016
Bit Name
Function
Bit Symbol
b7 b6 b5 b4 b3 b2 b1 b0
A/D conversion method
select bit
SMP
Reserved bit
Set to 0
TRG1
A/D input group select bit
b2 b1
0 0: Select port P10 group
0 1: Select port P9 group
1 0: Select port P0 group
1 1: Select port P1/P9 group
Set to 0 in repeat sweep mode 0
Frequency select bit 2
CKS2
RW
RW
RW
RW
RW
RW
RW
0: Without sample and hold
1: With sample and hold
See Table 15.2
Nothing is assigned. If necessary, set to 0.
When read, the content is 0
(b7-b6)
NOTE:
1. If the ADCON2 register is rewritten during A/D conversion, the conversion result will be undefined.
Trigger select bit
ADGSEL0
ADGSEL1
(b3)
11
10
When repeat sweep mode 0 is selected,
b1 b0
0 0: AN0 to AN1 (2 pins)
0 1: AN0 to AN3 (4 pins)
1 0: AN0 to AN5 (6 pins)
1 1: AN0 to AN7 (8 pins)
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com