Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 267 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 267 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 263Page - Renesas Technology Corp M16C/29 Datasheet HTML 264Page - Renesas Technology Corp M16C/29 Datasheet HTML 265Page - Renesas Technology Corp M16C/29 Datasheet HTML 266Page - Renesas Technology Corp M16C/29 Datasheet HTML 267Page - Renesas Technology Corp M16C/29 Datasheet HTML 268Page - Renesas Technology Corp M16C/29 Datasheet HTML 269Page - Renesas Technology Corp M16C/29 Datasheet HTML 270Page - Renesas Technology Corp M16C/29 Datasheet HTML 271Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 499 page
background image
15. A/D Converter
p
u
o
r
G
9
2
/
C
6
1
M
page 243
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 15.20 Each Flag Operation in ADSTAT0 Register Associated with the Operation
Example in Delayed Trigger Mode 0 (1)
AN0
AN1
AN2
AN3
Timer B0 underflow
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
AN0
AN1
AN2
AN3
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
A/D pin input
voltage sampling
A/D pin conversion
Do not set to 1 by program
Do not set to 1 by program
Set to 0 by an interrupt request acknowledgement or a program
Set to 0 by an interrupt request acknowledgement or a program
Set to 0 by program
Set to 0 by program
ADST flag: Bit 6 in the ADCON0 register
ADERR0, ADERR1, ADTCSF, ADSTT0, ADSTT1, ADSTRT0 and ADSTRT1 flag: bits 0, 1, 3, 4, 5, 6 and 7 in the ADSTAT0 register
ADST flag
ADERR0 flag
ADERR1 flag
ADTCSF flag
ADSTT0 flag
ADSTT1 flag
ADSTRT0 flag
ADSTRT1 flag
IR bit in the ADIC
register
ADST flag
ADERR0 flag
ADERR1 flag
ADTCSF flag
ADSTT0 flag
ADSTT1 flag
ADSTRT0 flag
ADSTRT1 flag
IR bit in the ADIC
register
Timer B0 underflow
Timer B1 underflow
Timer B1 underflow
•Example when selecting AN0 to AN3 to A/D sweep pins (SCAN1 to SCAN0 = 012)
•Example 1: When Timer B1 underflow is generated during AN0 pin conversion
•Example 2: When Timer B1 underflow is generated after AN0 pin conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com