Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 269 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 269 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 265Page - Renesas Technology Corp M16C/29 Datasheet HTML 266Page - Renesas Technology Corp M16C/29 Datasheet HTML 267Page - Renesas Technology Corp M16C/29 Datasheet HTML 268Page - Renesas Technology Corp M16C/29 Datasheet HTML 269Page - Renesas Technology Corp M16C/29 Datasheet HTML 270Page - Renesas Technology Corp M16C/29 Datasheet HTML 271Page - Renesas Technology Corp M16C/29 Datasheet HTML 272Page - Renesas Technology Corp M16C/29 Datasheet HTML 273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 499 page
background image
15. A/D Converter
p
u
o
r
G
9
2
/
C
6
1
M
page 245
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 15.22 ADCON0 to ADCON2 Registers in Delayed Trigger Mode 0
A/D Control Register 0 (1)
Symbol
Address
After Reset
ADCON0
03D616
00000XXX2
b7 b6 b5 b4 b3 b2 b1 b0
Analog input pin
select bit
CH0
Bit Symbol
Bit Name
Function
CH1
CH2
A/D operation mode
select bit 0
MD0
MD1
Trigger select bit
Refer to Table 15.11
TRG
ADST
A/D conversion start flag
(2)
0: A/D conversion disabled
1: A/D conversion started
Frequency select bit 0
CKS0
RW
A/D Control Register 1 (1)
Symbol
Address
After Reset
ADCON1
03D716
0016
Bit Name
Function
Bit Symbol
b7 b6 b5 b4 b3 b2 b1 b0
A/D sweep pin
select bit (2)
SCAN0
SCAN1
MD2
BITS
8/10-bit mode select bit
0: 8-bit mode
1: 10-bit mode
VCUT
Vref connect bit (3)
A/D operation mode
select bit 1
1: Vref connected
01
When selecting delayed trigger sweep mode 0
0
1 1 1: Set to 111b in delayed trigger
mode 0
b2 b1 b0
0 0: One-shot mode or delayed trigger mode
0,1
b4 b3
1
Frequency select bit 1
CKS1
0: Any mode other than repeat sweep
mode 1
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Refer to Table 15.2
NOTES:
1. If the ADCON0 register is rewritten during A/D conversion, the conversion result will be undefined.
2. Do not write 1 in delayed trigger mode 0. When write, set to 0.
NOTES:
1. If the ADCON1 register is rewritten during A/D conversion, the conversion result will be undefined.
2. AN00 to AN07, AN20 to AN27, and AN30 to AN32 can be used in the same way as AN 0 to AN7. Use bits ADGSEL1 and
ADGSEL0 in the ADCON2 register to select the desired pin.
3. If the VCUT bit is reset from 0 (Vref unconnected) to 1 (Vref connected), wait for 1 µs or more before starting
A/D conversion.
Refer to Table 15.2
(b7-b6)
1
1
0
b1 b0
0 0: AN0 to AN1 (2 pins)
0 1: AN0 to AN3 (4 pins)
1 0: AN0 to AN5 (6 pins)
1 1: AN0 to AN7 (8 pins)
Nothing is assigned. If necessary, set to 0.
When read, its content is 0
0
NOTES:
1. If the ADCON2 register is rewritten during A/D conversion, the conversion result will be undefined.
2. Set to 1 in delayed trigger mode 0.
A/D Control Register 2 (1)
Symbol
Address
After Reset
ADCON2
03D416
0016
b7 b6 b5 b4 b3 b2 b1 b0
A/D conversion method
select bit (2)
1: With sample and hold
Bit Symbol
Bit Name
Function
RW
SMP
Reserved bit
Set to
0
0
A/D input group
select bit
0 0: Select port P10 group
0 1: Select port P9 group
1 0: Select port P0 group
1 1: Select port P1/P9 group
b2 b1
Frequency select bit 2
CKS2
ADGSEL0
ADGSEL1
RW
RW
RW
RW
RW
(b3)
Nothing is assigned. If necessary, set to 0.
When read, its content is 0
(b7-b6)
Refer to Table 15.2
RW
TRG1
Trigger select bit 1
1
Refer to Table 15.11
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com