Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 270 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 270 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 266Page - Renesas Technology Corp M16C/29 Datasheet HTML 267Page - Renesas Technology Corp M16C/29 Datasheet HTML 268Page - Renesas Technology Corp M16C/29 Datasheet HTML 269Page - Renesas Technology Corp M16C/29 Datasheet HTML 270Page - Renesas Technology Corp M16C/29 Datasheet HTML 271Page - Renesas Technology Corp M16C/29 Datasheet HTML 272Page - Renesas Technology Corp M16C/29 Datasheet HTML 273Page - Renesas Technology Corp M16C/29 Datasheet HTML 274Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 499 page
background image
15. A/D Converter
p
u
o
r
G
9
2
/
C
6
1
M
page 246
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 15.23 ADTRGCON Register in Delayed Trigger Mode 0
Table 15.11 Trigger Select Bit Setting in Delayed Trigger Mode 0
Trigger
Timer B0, B1 underflow
TRG
0
HPTRG0
1
TRG1
0
HPTRG1
1
A/D Trigger Control Register (1)
Symbol
Address
After Reset
ADTRGCON 03D216
0016
Bit Name
Function
Bit Symbol
b7 b6 b5 b4 b3 b2 b1 b0
A/D operation mode select
bit 2
SSE
AN0 trigger select bit
See Table 15.11
HPTRG1
AN1 trigger select bit
HPTRG0
RW
RW
RW
RW
RW
See Table 15.11
Nothing is assigned. If necessary, set to 0.
When read, the content is 0
(b7-b4)
NOTE:
1. If ADTRGCON is rewritten during A/D conversion, the conversion result will be undefined.
DTE
1
11
Simultaneous sample sweep mode or
delayed trigger mode 0, 1
A/D operation mode select
bit 3
Delayed trigger mode 0, 1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com