Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 271 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 271 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 267Page - Renesas Technology Corp M16C/29 Datasheet HTML 268Page - Renesas Technology Corp M16C/29 Datasheet HTML 269Page - Renesas Technology Corp M16C/29 Datasheet HTML 270Page - Renesas Technology Corp M16C/29 Datasheet HTML 271Page - Renesas Technology Corp M16C/29 Datasheet HTML 272Page - Renesas Technology Corp M16C/29 Datasheet HTML 273Page - Renesas Technology Corp M16C/29 Datasheet HTML 274Page - Renesas Technology Corp M16C/29 Datasheet HTML 275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 499 page
background image
15. A/D Converter
p
u
o
r
G
9
2
/
C
6
1
M
page 247
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
NOTES:
___________
1. Do not generate the next ADTRG pin falling edge after the AN1 pin conversion is started until all selected pins
___________
complete A/D conversion. When an ADTRG pin falling edge is generated again during A/D conversion, its trigger
___________
is ignored. The falling edge of ADTRG pin, which was input after all selected pins complete A/D conversion, is
considered to be the next AN0 pin conversion start condition.
___________
___________
2. The ADTRG pin falling edge is detected synchronized with the operation clock fAD. Therefore, when the ADTRG pin
___________
falling edge is generated in shorter periods than fAD, the second ADTRG pin falling edge may not be detected. Do
___________
not generate the ADTRG pin falling edge in shorter periods than fAD.
3. Do not write 1 (A/D conversion started) to the ADST bit in delayed trigger mode 1. When write 1,unexpected
interrupts may be generated.
4. AN00 to AN07, AN 20 to AN27, and AN30 to AN32 can be used in the same way as AN0 to AN7. However, all input
pins need to belong to the same group.
15.1.8 Delayed Trigger Mode 1
In delayed trigger mode 1, analog voltages applied to the selected pins are converted one-by-one to a
___________
digital code. When the input of the ADTRG pin (falling edge) changes state from “H” to “L”, a single sweep
conversion is started. After completing the AN0 pin conversion, the AN1 pin is not sampled and converted
___________
until the second ADTRG pin falling edge is generated. When the second ADTRG falling edge is generated,
the single sweep conversion of the pins after the AN1 pin is restarted. Table 15.12 shows the delayed
trigger mode 1 specifications. Figure 15.24 shows the operation example of delayed trigger mode 1.
Figure 15.25
and 15.26 show each flag operation in the ADSTAT0 register that corresponds to the
operation example. Figure 15.27 shows registers ADCON0 to ADCON2 in delayed trigger mode 1.
Figure 15.28
shows the ADTRGCON register in delayed trigger mode 1. Table 15.13 shows the trigger
select bit setting in delayed trigger mode 1.
Table 15.12 Delayed Trigger Mode 1 Specifications
Item
Specification
Function
Bits SCAN1 and SCAN0 in the ADCON1 register and bits ADGSEL1 and ADGSEL0
in the ADCON2 register select pins. Analog voltages applied to the selected
___________
pins are converted one-by-one to a digital code. At this time, the
ADTRG pin
___________
falling edge starts AN0 pin conversion and the second
ADTRG pin falling edge
starts conversion of the pins after AN1 pin
A/D Conversion Start
AN0 pin conversion start condition
Condition
___________
The ADTRG pin input changes state from “H” to “L” (falling edge) (1)
AN1 pin conversion start condition (2)
___________
The ADTRG pin input changes state from “H” to “L” (falling edge)
___________
•When the second ADTRG pin falling edge is generated during A/D conversion of
___________
the AN0 pin, input voltage of AN1 pin is sampled or after at the time of ADTRG
falling edge. The conversion of AN1 and the rest of the sweep starts when AN0
conversion is completed.
___________
•When the ADTRG pin falling edge is generated again during single sweep
conversion of pins after the AN1 pin, the conversion is not affected
A/D Conversion Stop
•A/D conversion completed
Condition
•Set the ADST bit to 0 (A/D conversion halted) (3)
Interrupt Request
Single sweep conversion completed
Generation Timing
Analog Input Pin
Select from AN0 to AN1 (2 pins), AN0 to AN3 (4 pins), AN0 to AN5 (6 pins)
and AN0 to AN7 (8 pins) (4)
Readout of A/D Conversion Result Readout one of registers AN0 to AN7 that corresponds to the selected pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com