Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 127 page
background image
Enhanced Local Bus Controller
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
101
The following figure provides the boundary-scan timing diagram.
Figure 55. Boundary-Scan Timing Diagram
2.15
Enhanced Local Bus Controller
This section describes the DC and AC electrical specifications for the enhanced local bus interface of the MPC8569E.
2.15.1 Enhanced Local Bus DC Electrical Characteristics
The following table provides the DC electrical characteristics for the enhanced local bus interface when operating at BVDD =
3.3 V DC.
Table 63. Enhanced Local Bus DC Electrical Characteristics (3.3 V DC)
For recommended operating conditions, see Table 3
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
2—
V
1
Input low voltage
VIL
—0.8
V
1
Input current (VIN = 0 V or VIN = BVDD)IIN
—±40
μA2
Output high voltage (BVDD = min, IOH = –2 mA)
VOH
2.4
—
V
—
Output low voltage (BVDD = min, IOL = 2 mA)
VOL
—0.4
V
—
Note:
1. The min VILand max VIH values are based on the respective min and max BVIN values found in Table 3
2. The symbol VIN, in this case, represents the BVIN symbol referenced in Section 2.1.1.1, “Recommended Operating
Conditions.”
VM = Midpoint Voltage (OVDD/2)
VM
VM
tJTDVKH
tJTDXKH
Boundary
Data Outputs
JTAG
External Clock
Boundary
Data Inputs
Output Data Valid
tJTKLDX
tJTKLDV
Input
Data Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com