Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 102 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 102 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 106Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Enhanced Local Bus Controller
Freescale Semiconductor
102
The following table provides the DC electrical characteristics for the enhanced local bus interface when operating at BVDD =
2.5 V DC.
The following table provides the DC electrical characteristics for the enhanced local bus interface when operating at BVDD =
1.8 V DC.
2.15.2
Enhanced Local Bus AC Electrical Specifications
This section describes the AC timing specifications for the enhanced local bus interface.
2.15.2.1
Test Condition
The following figure provides the AC test load for the enhanced local bus.
Figure 56. Enhanced Local Bus AC Test Load
Table 64. Enhanced Local Bus DC Electrical Characteristics (2.5 V DC)
For recommended operating conditions, see Table 3
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
1.70
—
V
1
Input low voltage
VIL
—0.7
V
1
Input current (VIN = 0 V or VIN = BVDD)IIN
—±40
μA2
Output high voltage (BVDD = min, IOH = –1 mA)
VOH
2.0
—
V
—
Output low voltage (BVDD = min, IOL = 1 mA)
VOL
—0.4
V
—
Note:
1. The min VILand max VIH values are based on the respective min and max BVIN values found in Table 3
2. The symbol VIN, in this case, represents the BVIN symbol referenced in Section 2.1.1.1, “Recommended Operating
Conditions.”
Table 65. Enhanced Local Bus DC Electrical Characteristics (1.8 V DC)
For recommended operating conditions, see Table 3
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
1.25
—
V
1
Input low voltage
VIL
—0.6
V
1
Input current (VIN = 0 V or VIN = BVDD)IIN
—±40
μA2
Output high voltage (BVDD = min, IOH = –0.5 mA)
VOH
1.35
—
V
—
Output low voltage (BVDD = min, IOL = 0.5 mA)
VOL
—0.4
V
—
Note:
1. The min VILand max VIH values are based on the respective min and max BVIN values found in Table 3
2. The symbol VIN, in this case, represents the BVIN symbol referenced in Section 2.1.1.1, “Recommended Operating
Conditions.”
Output
Z0 = 50 Ω
BVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com