Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 106 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 106 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 110Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Enhanced Local Bus Controller
Freescale Semiconductor
106
The following table describes the timing specifications of the enhanced local bus interface at BVDD = 3.3, 2.5, and 1.8 V DC
with PLL disabled.
Table 67. Enhanced Local Bus Timing Specifications (BVDD = 3.3 V, 2.5 V, and 1.8 V)—PLL Bypassed
For recommended operating conditions, see Table 3
Parameter
Symbol1
Min
Max
Unit
Notes
Enhanced local bus cycle time
tLBK
12
—
ns
—
Enhanced local bus duty cycle
tLBKH/tLBK
45
55
%
6
LCLK[n] skew to LCLK[m] or LSYNC_OUT
tLBKSKEW
—150
ps
2
Input setup
(except LUPWAIT/LFRB)
tLBIVKH
6.5
—
ns
—
Input hold
(except LUPWAIT/LFRB)
tLBIXKH
1—
ns
—
Input setup
(for LUPWAIT/LFRB)
tLBIVKL
6.5
—
ns
—
Input hold
(for LUPWAIT/LFRB)
tLBIXKL
1—
ns
—
Output delay
(Except LALE)
tLBKLOV
—1.5
ns
—
Output hold
(Except LALE)
tLBKLOX
–3.5
—
ns
5
Enhanced local bus clock to output high
impedance for LAD/LDP
tLBKLOZ
—2
ns
3
LALE output negation to LAD/LDP output
transition (LATCH hold time)
tLBONOT
1 – 1 ns
(LBCR[AHD] = 0)
1/2 – 1 ns
(LBCR[AHD] = 1)
—
eLBC
controller
clock
cycle
(=1
platform
clock
cycle in
ns)
4
Notes:
1. All signals are measured from BVDD/2 of rising/falling edge of LCLK to BVDD/2 of the signal in question.
2. Skew measured between different LCLK signals at BVDD/2.
3. For purposes of active/float timing measurements, the high impedance or off state is defined to be when the total current
delivered through the component pin is less than or equal to the leakage current specification.
4. tLBONOT is a measurement of the minimum time between the negation of LALE and any change in LAD. tLBONOT is determined
by LBCR[AHD]. The unit is the eLBC controller clock cycle, which is the internal clock that runs the local bus controller, not
the external LCLK. LCLK cycle = eLBC controller clock cycle
× LCRR[CLKDIV]. After power on reset, LBCR[AHD] defaults to
0 and eLBC runs at maximum hold time.
5. Output hold is negative. This means that output transition happens earlier than the falling edge of LCLK.
6. System/board must be designed to ensure the input requirement to the device is achieved. Proper device operation is
guaranteed for inputs meeting this requirement by design, simulation, characterization, or functional testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com