Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 108 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 108 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 112Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Enhanced Secure Digital Host Controller (eSDHC)
Freescale Semiconductor
108
The following figure shows how the AC timing diagram applies to GPCM in PLL bypass mode. The same principle applies to
UPM and FCM.
Figure 60. GPCM Output Timing Diagram (PLL Bypass Mode)
2.16
Enhanced Secure Digital Host Controller (eSDHC)
This section describes the DC and AC electrical specifications for the eSDHC interface of the MPC8569E.
2.16.1
eSDHC DC Electrical Characteristics
The following table provides the DC electrical characteristics for the eSDHC interface of the MPC8569E.
Table 68. eSDHC Interface DC Electrical Characteristics
At recommended operating conditions with OVDD =3.3 V
Characteristic
Symbol
Condition
Min
Max
Unit
Notes
Input high voltage
VIH
—0.625
× OV
DD
—V
1
Input low voltage
VIL
—
—
0.25
× OV
DD
V1
Output high voltage
VOH
IOH = –100 μA at
OVDD min
0.75
× OV
DD
—V
—
Output low voltage
VOL
IOL = 100 μA at
OVDD min
—
0.125
× OV
DD
V—
tarcs +tLBKHOV
LCLK
LAD[0:31]
LBCTL
tLBONOT
LCS_B
LGPL2/LOE_B
address
taddr
taoe +tLBKHOV
LWE_B
tawcs +tLBKHOV
tLBONOT
address
taddr
tawe +tLBKHOV
tLBKHOX
trc
toen
read data
write data
twen
twc
write
read
LALE
1 t
addr is programmable and determined by LCRR[EADC] and ORx[EAD].
2 t
arcs, tawcs, taoe, trc, toen, tawe, twc, twen are determined by ORx. Refer to the MPC8569E reference manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com