Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 112 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 112 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 116Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
SPI Interface
Freescale Semiconductor
112
2.18.2
PIC AC Timing Specifications
The following table provides the PIC input and output AC timing specifications.
2.19
SPI Interface
This section describes the SPI DC and AC electrical specifications of the MPC8569E.
2.19.1
SPI DC Electrical Characteristics
The following table provides the SPI DC electrical characteristics.
2.19.2
SPI AC Timing Specifications
The following table and provide the SPI input and output AC timing specifications.
Table 73. PIC Input AC Timing Specifications
For recommended operating conditions, see Table 3
Parameter
Symbol
Min
Max
Unit
Notes
PIC inputs—minimum pulse width
tPIWID
3
—
SYSCLK
1
Note:
1. PIC inputs and outputs are asynchronous to any visible clock. PIC outputs must be synchronized before use by any external
synchronous logic. PIC inputs are required to be valid for at least tPIWID ns to ensure proper operation when working in
edge-triggered mode.
Table 74. SPI DC Electrical Characteristics
For recommended operating conditions, see Table 3
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
2.0
—
V
1
Input low voltage
VIL
—0.8
V
1
Input current (OVIN = 0 V or OVIN = OVDD)IIN
—
±40
μA2
Output high voltage (OVDD = min, IOH = –2 mA)
VOH
2.4
—
V
—
Output low voltage (OVDD = min, IOH = 2 mA)
VOL
—0.4
V
—
Note:
1. The min VILand max VIH values are based on the respective min and max OVIN values found in Table 3.
2. The symbol OVIN represents the input voltage of the supply. It is referenced in Table 3.
Table 75. SPI AC Timing Specifications
For recommended operating conditions, see Table 3
Parameter
Symbol1
Min
Max
Unit
Note
SPI outputs valid—Master mode (internal clock) delay
tNIKHOV
—6
ns
2
SPI outputs hold—Master mode (internal clock) delay
tNIKHOX
0.5
—
ns
2
SPI outputs valid—Slave mode (external clock) delay
tNEKHOV
—9
ns
2
SPI outputs hold—Slave mode (external clock) delay
tNEKHOX
2—
ns
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com