Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 111 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 111 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 115Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 127 page
background image
Programmable Interrupt Controller (PIC)
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
111
2.17.2
Timers AC Timing Specifications
The following table provides the timers input and output AC timing specifications.
The following figure provides the AC test load for the timers.
Figure 63. Timers AC Test Load
2.18
Programmable Interrupt Controller (PIC)
This section describes the DC and AC electrical specifications for the PIC of the MPC8569E.
2.18.1
PIC DC Electrical Characteristics
The following table provides the DC electrical characteristics for the external interrupt pins IRQ[0:6], IRQ[8:11] and IRQ_OUT
of the PIC, as well as the port interrupts of the QUICC Engine block.
Table 71. Timers Input AC Timing Specifications
For recommended operating conditions, see Table 3
Parameter
Symbol
Typ
Unit
Notes
Timers inputs—minimum pulse width
tTIWID
20
ns
1, 2
Notes:
1. Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of CLKIN. Timings are
measured at the pin.
2. Timers inputs and outputs are asynchronous to any visible clock. Timers outputs must be synchronized before use by any
external synchronous logic. Timers inputs are required to be valid for at least tTIWID ns to ensure proper operation.
Table 72. PIC DC Electrical Characteristics
For recommended operating conditions, see Table 3
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
2—
V
1
Input low voltage
VIL
—0.8
V
1
Input current (OVIN = 0 V or OVIN = OVDD)IIN
—±40
μA2
Output high voltage (OVDD = min, IOH = –2 mA)
VOH
2.4
—
V
—
Output low voltage (OVDD = min, IOL = 2 mA)
VOL
—0.4
V
—
Note:
1. The min VILand max VIH values are based on the respective min and max OVIN values found in Table 3.
2. The symbol OVIN represents the input voltage of the supply. It is referenced in Table 3.
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com