Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 114 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 114 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 118Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
TDM/SI
Freescale Semiconductor
114
The following figure shows the SPI timing in master mode (internal clock).
Figure 66. SPI AC Timing in Master Mode (Internal Clock) Diagram
2.20
TDM/SI
This section describes the DC and AC electrical specifications for the time-division-multiplexed and serial interface of the
MPC8569E.
2.20.1
TDM/SI DC Electrical Characteristics
The following table provides the DC electrical characteristics for the MPC8569E TDM/SI.
2.20.2
TDM/SI AC Timing Specifications
The following table provides the TDM/SI input and output AC timing specifications.
NOTE: Rise/Fall Time on QE Input Pins
The rise / fall time on QE input pins should not exceed 5ns. This must be enforced
especially on clock signals. Rise time refers to signal transitions from 10% to 90% of Vcc;
fall time refers to transitions from 90% to 10% of Vcc.
Table 76. TDM/SI DC Electrical Characteristics
Characteristic
Symbol
Min
Max
Unit
Notes
Output high voltage (OVDD = min, IOH = –2 mA)
VOH
2.4
—
V
—
Output low voltage (OVDD = min, IOH = 2 mA)
VOL
—0.4
V
—
Input high voltage
VIH
2.0
OVDD +0.3
V
—
Input low voltage
VIL
–0.3
0.8
V
—
Input current (0 V
≤ V
IN ≤ OVDD)IIN
—±40
μA1
Note:
1. The symbol VIN, in this case, represents the OVIN referenced in Table 2 and Table 3.
SPICLK (output)
tNIIXKH
tNIKHOV
Input Signals:
SPIMISO
(See Note)
Output Signals:
SPIMOSI
(See Note)
tNIIVKH
tNIKHOX
Note: The clock edge is selectable on SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com