Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 117 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 117 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 121Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 127 page
background image
UTOPIA/POS Interface
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
117
The following figure provide the AC test load for the USB.
Figure 69. USB AC Test Load
2.22
UTOPIA/POS Interface
This section describes the DC and AC electrical specifications for the UTOPIA interface.
2.22.1
UTOPIA/POS DC Electrical Characteristics
The following table provides the DC electrical characteristics.
2.22.2
UTOPIA/POS AC Timing Specifications
The following table provides the UTOPIA/POS input and output AC timing specifications.
Table 80. UTOPIA/POS DC Electrical Characteristics
For recommended operating conditions, see Table 3
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
2—
V
1
Input low voltage
VIL
—0.8
V
1
Input current (OVIN = 0 V or OVIN = OVDD)IIN
—±40
μA2
Output high voltage (OVDD = min, IOH = –2 mA)
VOH
2.4
—
V
—
Output low voltage (OVDD = min, IOL = 2 mA)
VOL
—0.4
V
—
Note:
1. The min VILand max VIH values are based on the respective min and max OVIN values found in Table 3.
2. The symbol OVIN represents the input voltage of the supply. It is referenced in Table 3.
Table 81. UTOPIA/POS AC Timing Specifications1
Characteristic
Symbol2
Min
Max
Unit
UTOPIA/POS outputs—Internal clock delay
tUIKHOV
08.0
ns
UTOPIA/POS outputs—External clock delay
tUEKHOV
1.0
10.0
ns
UTOPIA/POS outputs—Internal clock high Impedance
tUIKHOX
08.0
ns
UTOPIA/POS outputs—External clock high impedance
tUEKHOX
1.0
10.0
ns
UTOPIA/POS inputs—Internal clock input setup time
tUIIVKH
6.4
—
ns
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com