Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 116 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 116 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 120Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
USB Interface
Freescale Semiconductor
116
2.21
USB Interface
This section provides the AC and DC electrical specifications for the USB interface of the MPC8569E.
2.21.1
USB DC Electrical Characteristics
The following table provides the USB DC electrical characteristics.
2.21.2
USB AC Electrical Specifications
The following table describes the general USB timing specifications.
Table 78. USB DC Electrical Characteristics
For recommended operating conditions, see Table 3
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
2—
V
1
Input low voltage
VIL
—0.8
V
1
Input current (OVIN = 0 V or OVIN = OVDD)IIN
—±40
μA2
Output high voltage (OVDD = min, IOH = –2 mA)
VOH
2.8
—
V
—
Output low voltage (OVDD = min, IOL = 2 mA)
VOL
—0.3
V
—
Differential input sensitivity
VDI
0.2
—
V
3
Differential common mode range
VCM
0.8
2.5
V
3
Note:
1. The min VILand max VIH values are based on the respective min and max OVIN values found in Table 3.
2. The symbol OVIN represents the input voltage of the supply. It is referenced in Table 3.
3. Applies to low/full speed
Table 79. USB General Timing Parameters
For recommended operating conditions, see Table 3
Parameter
Symbol1
Min
Max
Unit
Notes
USB clock cycle time
tUSCK
20.83
—
ns
Full speed 48 MHz
USB clock cycle time
tUSCK
166.67
—
ns
Low speed 6 MHz
Skew between TXP and TXN
tUSTSPN
—5
ns
2
Skew among RXP, RXN, and RXD
tUSRSPND
—
10
ns
Full-speed transitions,
2
Skew among RXP, RXN, and RXD
tUSRPND
—
100
ns
Low-speed transitions,
2
Notes:
1. The symbols used for timing specifications follow the pattern t(first two letters of functional block)(state)(signal) for receive signals and
t(first two letters of functional block)(state)(signal) for transmit signals. For example, tUSRSPND symbolizes USB timing (US) for the USB
receive signals skew (RS) among RXP, RXN, and RXD (PND). Also, tUSTSPN symbolizes USB timing (US) for the USB
transmit signals skew (TS) between TXP and TXN (PN).
2. Skew measurements are done at OVDD/2 of the rising or falling edge of the signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com