Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 114Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Timers
Freescale Semiconductor
110
The following figure provides the eSDHC clock input timing diagram.
Figure 61. eSDHC Clock Input Timing Diagram
The following figure provides the data and command input/output timing diagram.
Figure 62. eSDHC Data and Command Input/Output Timing Diagram Referenced to Clock
2.17
Timers
This section describes the DC and AC electrical specifications for the timers of the MPC8569E.
2.17.1
Timers DC Electrical Characteristics
The following table provides the timers DC electrical characteristics.
Table 70. Timers DC Electrical Characteristics
For recommended operating conditions, see Table 3
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
2—
V
1
Input low voltage
VIL
—0.8
V
1
Input current (OVIN = 0 V or OVIN = OVDD)
IIN
—±40
μA2
Output high voltage (OVDD = min, IOH = –2 mA)
VOH
2.4
—
V
—
Output low voltage (OVDD = min, IOL = 2 mA)
VOL
—0.4
V
—
Note:
1. The min VILand max VIH values are based on the respective min and max OVIN values found in Table 3.
2. The symbol OVIN represents the input voltage of the supply. It is referenced in Table 3.
eSDCH
tSHSCKR
External Clock
VM
VM
VM
tSHSCK
tSHSCKF
VM = Midpoint Voltage (OVDD/2)
Operational Mode
tSHSCKL
tSHSCKH
VM = Midpoint Voltage (OVDD/2)
SD_CK
External Clock
SD_DAT/CMD
VM
VM
VM
VM
Inputs
SD_DAT/CMD
Outputs
tSHSIVKH
tSHSIXKH
tSHSKHOV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com