Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 109 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 109 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 113Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 127 page
background image
Enhanced Secure Digital Host Controller (eSDHC)
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
109
2.16.2
eSDHC AC Timing Specifications
The following table provides the eSDHC AC timing specifications as defined in Figure 61 and Figure 62.
Output high voltage
VOH
IOH = –100 μAOVDD –0.2
—
V
2
Output low voltage
VOL
IOL = 2 mA
—
0.3
V
2
Input/output leakage current
IIN/IOZ
—–10
10
μA—
Note:
1. The min VILand max VIH values are based on the respective min and max OVIN values found in Table 3.
2. Open drain mode for MMC cards only.
Table 69. eSDHC AC Timing Specifications
At recommended operating conditions with OVDD =3.3 V
Parameter
Symbol1
Min
Max
Unit
Notes
SD_CLK clock frequency:
SD/SDIO full speed/high speed mode
MMC full speed/high speed mode
fSHSCK
0
25/50
20/52
MHz
2, 4
SD_CLK clock low time—High speed/Full speed mode
tSHSCKL
7/10
—
ns
4
SD_CLK clock high time—High speed/Full speed mode
tSHSCKH
7/10
—
ns
4
SD_CLK clock rise and fall times
tSHSCKR/
tSHSCKF
—
3
ns
4, 5
Input setup times: SD_CMD, SD_DATx, SD_CD to SD_CLK
tSHSIVKH
3.7
—
ns
3, 4, 6
Input hold times: SD_CMD, SD_DATx, SD_CD to SD_CLK
tSHSIXKH
2.5
—
ns
4, 6
Output delay time: SD_CLK to SD_CMD, SD_DATx valid
tSHSKHOV
–3
3
ns
4, 6
Notes:
1. The symbols used for timing specifications follow the pattern t(first three letters of functional block)(signal)(state)(reference)(state) for inputs
and t(first three letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tFHSKHOV symbolizes eSDHC high
speed mode device timing (SHS) clock reference (K) going to the high (H) state, with respect to the output (O) reaching the
invalid state (X) or output hold time. Note that in general, the clock reference symbol representation is based on five letters
representing the clock of a particular functional. For rise and fall times, the latter convention is used with the appropriate letter:
R (rise) or F (fall).
2. In full speed mode, clock frequency value can be 0–25 MHz for a SD/SDIO card and 0–20 MHz for a MMC card. In high speed
mode, clock frequency value can be 0–50 MHz for a SD/SDIO card and 0–52 MHz for a MMC card.
3. To satisfy setup timing, one way board routing delay between Host and Card, on SD_CLK, SD_CMD and SD_DATx should
not exceed 0.65ns.
4. Ccard
≤10 pF, (1 card) and C
L = CBUS + CHOST +CCARD ≤ 40 pF.
5. System/board must be designed to ensure the input requirement to the device is achieved. Proper device operation is
guaranteed for inputs meeting this requirement by design, simulation, characterization, or functional testing.
6. The parameter values apply to both full speed and high speed modes.
Table 68. eSDHC Interface DC Electrical Characteristics (continued)
At recommended operating conditions with OVDD =3.3 V
Characteristic
Symbol
Condition
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com