Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 124 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 124 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 127Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 124 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Part Numbers Fully Addressed by This Document
Freescale Semiconductor
124
5
Ordering Information
Contact your local Freescale sales office or regional marketing team for ordering information.
Ordering information for the parts fully covered by this specification document is provided in Section 5.1, “Part Numbers Fully
Addressed by This Document.”
5.1
Part Numbers Fully Addressed by This Document
The following table shows the device nomenclature.
Table 84. Device Nomenclature
MPC
nnnn
E
C
VT
AA
X
G
R
Prod-
uct
Code1
Part
Identifier
Security
Engine
Temperature
Range
Package 2
Processor
Frequency 3
DDR
Frequency4
QE
Frequency
Revision Level
MPC
PPC
8569
E = included
Blank = 0
° to
105
°C
C = –40
° to
105
°C
VT = Pb
free,
FC-PBGA
AN = 800 MHz
AQ = 1067 MHz
AU = 1333 MHz
K = 600 MHz
L = 667 MHz
N = 800 MHz
G = 400 MHz
J = 533 MHz
L = 667 MHz
Blank = Rev. 1.0 (SVR
= 0x8088_0010
A = Rev. 2.0 (SVR
= 0x8088_0020
B = Rev. 2.1 (SVR
= 0x8088_0021
Blank = not
included
A = Rev. 2.0 (SVR
= 0x8080_0020
B = Rev. 2.1 (SVR
= 0x8080_0021
Notes:
1. MPC stands for “qualified.” PPC stands for pre-production samples.
2. See Section 4, “Package Description,” for more information on available package types.
3. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this specification
support all core frequencies. Additionally, parts addressed by part number specifications may support other maximum core
frequencies.
4. See Table 85 for the corresponding maximum platform frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com