Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 125 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 125 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 127Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 125 / 127 page
background image
Part Marking
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
125
5.2
Part Marking
Parts are marked as the example shown in the following figure.
Figure 76. Part Marking for FC-PBGA Device
5.3
Part Numbering
The following table list all part numbers that are offered for MPC8569E.
6
Product Documentation
The following documents are required for a complete description of the device and are needed to design properly with the part.
•
MPC8569E PowerQUICC III Integrated Processor Reference Manual (document number: MPC8569ERM)
•
e500 PowerPC Core Reference Manual (document number: E500CORERM)
•
QUICC Engine Block Reference Manual with Protocol Interworking (document number: QEIWRM)
Table 85. MPC8569 Part Numbers
Core / DDR / QE /
Platform (MHz)
Standard Temp
Without Security
Standard Temp
With Security
Extended Temp
Without Security
Extended Temp
With Security
Note
800 / 600 / 400 / 400
MPC8569VTANKG
MPC8569EVTANKG MPC8569CVTANKG MPC8569ECVTANKG
1, 2
1067 / 667/ 533 / 533
MPC8569VTAQLJ
MPC8569EVTAQLJ
MPC8569CVTAQLJ
MPC8569ECVTAQLJ
1, 2
1333 / 800 / 667 / 533
MPC8569VTAUNL
MPC8569EVTAUNL
—
—
1, 2
Notes:
1. Standard Temperature and Extended Temperature with Security parts are available for Pre-production samples. The prefix is
PPC instead of MPC.
2. Part numbers that end with a “blank” indicate rev 1.0 silicon; part numbers that end with an “A” are rev 2.0 silicon; part numbers
that end with a “B” are rev 2.1 silicon.
MMMMM CCCCC
ATWLYYWW
Notes:
MMMMM is the mask number.
FC-PBGA
MPC8569xxxxxx
MPC8569xxxxxx is the orderable part number.
CCCCC is the country of assembly. This space is left blank if
ATWLYYWW is the traceability code.
parts are assembled in the United States.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com