Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 29Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 30Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 31Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 32Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 33Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 34Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 35Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 36Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
Production Data
WM9093
w
PD, March 2012, Rev 4.2
33
ANALOGUE OUTPUTS
The speaker, headphone and earpiece outputs are highly configurable and may be used in many
different ways.
SPEAKER OUTPUT CONFIGURATIONS
The speaker output can be driven by the speaker mixer, SPKMIX, or by the low power differential
‘Voice Bypass’ path from IN3+ and IN3-. Fine volume control is available on the speaker mixer path
using the Speaker Output PGA. A boost function is available on the speaker mixer path and on the
Voice Bypass path. See the “Output Signal Path” section for more information on the speaker mixing
options.
The speaker output operates in a BTL configuration in Class AB or Class D amplifier modes; the
selected mode is determined by the SPKOUT_CLASSAB_MODE register bit, as defined in Table 15.
When the speaker mixer (SPKMIX) output is selected as the speaker output source, then Class D
mode should be selected in the output driver. When the ‘Voice Bypass’ signal is selected as the
speaker output source, then Class AB mode should be selected. Note that only one of these signal
paths should be selected at any time – see “Speaker Boost Mixer Control”.
A selectable 12dB attenuation is available at the speaker output driver in Class AB mode. This is
controlled using the SPK_ATTN_FB register. The 12dB attenuation can be used in conjunction with
the boost (gain) described below to provide a wider range of signal level control for the ‘Voice Bypass’
path. Note that this bit has no effect in Class D mode.
Eight levels of signal boost are provided in order to deliver maximum output power for many
commonly-used SVDD/HPVDD combinations. These boost options are available in both Class AB
and Class D modes. The boost level from 0dB to +12dB is selected using the SPKOUTL_BOOST
register field. To prevent pop noise, the SPKOUTL_BOOST register should not be modified while the
speaker output is enabled. Figure 4 illustrates the speaker output and the mixing and gain/boost
options available.
Ultra-low leakage and high PSRR allow the speaker supply SVDD to be directly connected to a
lithium battery. Note that an appropriate SVDD supply voltage must be provided to prevent waveform
clipping when speaker boost is used.
DC gain is applied automatically in both class AB and class D modes with a shift from VMID to
SVDD/2. This provides optimum signal swing for maximum output power. In class AB mode, an ultra-
high PSRR mode is available, in which the DC reference for the speaker driver is fixed at VMID. This
mode is selected by enabling the SPK_VREF_AB_CTRL bit (see Table 15). In this mode, the output
power is limited but the driver will still be capable of driving more than 500mW in 8
 while maintaining
excellent suppression of noise on SVDD (for example, TDMA noise in a GSM phone application).
Figure 4 Speaker Output Configuration and Boost Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com