Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 40Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 41Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 42Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 43Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 44Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 45Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 46Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 47Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
WM9093
Production Data
w
PD, March 2012, Rev 4.2
44
The following default control sequences are provided:
1.
Headphone Start-Up – This sequence powers up the headphone driver and charge pump. It
commands the DC Servo to perform offset correction. This sequence is intended for enabling the
headphone output after initial power-on, when DC offset correction has not previously been run.
2.
Generic Shut-Down – This sequence shuts down all of the WM9093 output drivers, DC Servo
and charge pump circuits.
Specific details of these sequences are provided below. Note that the timings noted are typical values
only.
Headphone Start-Up
The Headphone Start-Up sequence is initiated by writing 0100h to Register 73 (49h). This single
operation starts the Control Write Sequencer at Index Address 0 (00h) and executes the sequence
defined in Table 21.
This sequence takes approximately 40ms to run.
WSEQ
INDEX
REGISTER
ADDRESS
WIDTH
START
DATA
DELAY
EOS
DESCRIPTION
0 (00h)
R76 (4Ch)
1 bit
Bit 15
01h
6h
0b
CP_ENA = 1
(delay = 4.5ms)
1 (01h)
R1 (01h)
3 bits
Bit 7
07h
0h
0b
HPOUT1R_ENA = 1
HPOUT1L_ENA = 1
(delay = 0.5ms)
2 (02h)
R96 (60h)
5 bits
Bit 1
11h
0h
0b
HPOUT1R_DLY = 1
HPOUT1L_DLY = 1
(delay = 0.5ms)
3 (03h)
R84 (54h)
7 bits
Bit 0
33h
9h
0b
DCS_ENA_CHAN_0 = 1
DCS_ENA_CHAN_1 = 1
DCS_TRIG_STARTUP_0 = 1
DCS_TRIG_STARTUP_1 = 1
(delay = 32.5ms)
4 (04h)
R255 (FFh)
1 bit
Bit 0
00h
5h
0b
Dummy Write for additional delay
(delay = 2.5ms)
5 (05h)
R255 (FFh)
1 bit
Bit 0
00h
0h
0b
Dummy Write for expansion
(delay = 0.5ms)
6 (06h)
R255 (FFh)
1 bits
Bit 0
00h
0h
0b
Dummy Write for expansion
(delay = 0.5ms)
7 (07h)
R96 (60h)
6 bits
Bit 2
3Bh
0h
1b
HPOUT1L_RMV_SHORT = 1
HPOUT1L_OUTP = 1
HPOUT1L_DLY = 1
HPOUT1R_RMV_SHORT =1
HPOUT1R_OUTP = 1
(delay = 0.5ms)
Table 21 Headphone Start-Up Default Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com