Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
Production Data
WM9093
w
PD, March 2012, Rev 4.2
9
Test Conditions
SVDD = 3.6V, HPVDD=1.8V, GND=0V, TA = +25
oC, 1kHz signal, PGA gain = 0dB unless otherwise stated
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Speaker Driver Class D Audio Performance (RL=8 + 10H BTL)
SNR (A-weighted)
Speaker Boost = 6dB
82
92
dB
THD (PO=500mW)
Speaker Boost = 6dB
-75
dB
THD+N (PO=500mW)
Speaker Boost = 6dB
-73
dB
PSRR
HPVDD with 100mVpk-pk at 217Hz (Note 1)
75
dB
SVDD with 100mVpk-pk at 217Hz
70
dB
DC Offset at Load
5
mV
Efficiency
Speaker Boost = 6dB, 0dBFS input
80
89
%
Output Power
SVDD=5.0V, THD+N ≤ 1%,
Speaker Boost = 12dB
1300
mW
SVDD=4.2V, THD+N ≤ 1%,
Speaker Boost = 9dB
950
mW
SVDD=3.6V, THD+N ≤ 1%,
Speaker Boost = 6dB
650
mW
Quiescent Current
3
mA
IN3 Differential Voice Bypass to Earpiece Driver Class AB (RL=8 + 10H BTL)
SNR (A-weighted)
0.56Vrms input with Speaker Boost = 0dB gain
98
dB
THD (PO=30mW)
-68
dB
THD+N (PO=30mW)
-66
dB
PSRR
HPVDD with 100mVpk-pk at 217Hz (Note 1)
90
dB
SVDD with 100mVpk-pk at 217Hz
85
dB
DC Offset at Load
2
mV
Output Power
THD+N ≤ 1%
160
mW
Quiescent Current
1
mA
Leakage Currents
SVDD Leakage Current
0.2
A
HPVDD Leakage Current
VMID_ENA = 0, VMID_BUF_ENA = 0, and
TSHUT_ENA = 0
1
A
Analogue Reference Levels
BIAS Midrail Reference Voltage
-3%
HPVDD
/2
+3%
V
Charge Pump
Start-up Time
500
s
Supply Voltage
1.71
2.0
V
CPVDD
Normal mode
HPVDD
V
Low power mode
HPVDD
/2
V
CPVSS
Normal mode
-HPVDD
V
Low power mode
-HPVDD
/2
V
Flyback Capacitor
(between CP and CN)
at 2V
1
2.2
F
CPVDD Capacitor
at 2V
2
2.2
F
CPVSS Capacitor
at 2V
2
2.2
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com