Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM9093ECS/R Datasheet HTML 1Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 2Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 3Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
w
WM9093
Ultra Low Power Audio Subsystem
WOLFSON MICROELECTRONICS plc
[1] This product is protected by US Patents 7,622,984 and 7,626,445
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Production Data, March 2012, Rev 4.2
Copyright
2012 Wolfson Microelectronics plc
DESCRIPTION
The WM9093
[1] is a high performance low power audio
subsystem, including headphone driver and Class AB/D
earpiece/speaker driver. The Class D speaker driver
supports 650mW output power at 3.6V, 1%THD.
The unique dual mode charge pump architecture provides
ground referenced headphone outputs removing the
requirement for external coupling capacitors. Class G
technology is integrated to increase the efficiency and
extend playback time by optimizing the headphone driver
supply voltages according to the volume control.
The flexible input configuration allows single ended or
differential stereo inputs. Mixers allow highly flexible routing
to the outputs. A ‘Voice Bypass’ path is also available for
low-power voice applications.
The WM9093 is controlled using a two-wire I2C interface.
An integrated oscillator generates all internal clocks,
removing the need to provide any external clock.
Separate mixer and volume controls are provided for each
headphone and speaker driver. Automatic Gain Control
limits the speaker output signal in order to prevent clipping.
DC offset correction to less than 1mV guarantees a
pop/click-free headphone start up.
The WM9093 is available in a 2.0mm x 2.5mm 20-bump
CSP package.
FEATURES
Mono Class D speaker driver
-
2W at 5V SVDD @1%THD+N into 4Ω
-
650mW at 3.6V SVDD @1%THD+N into 8Ω
-
92dB SNR
Ground referenced stereo headphone driver
-
34mW into 16Ω load @ 1% THD+N
-
96dB SNR
-
80dB THD+N
Mono Class AB earpiece driver
-
40mW into 8Ω load
Differential and single ended analogue input configurations
Integrated oscillator for clocking requirements
I
2C 2-wire software control interface
Automatic gain control (AGC) for Class D speaker output
Pop and click suppression, < 1mV DC offset
<50ms start up time
Excellent RF and TDMA noise immunity
Ultra low power consumption
-
4mW quiescent for headphone driver
-
5mW quiescent for speaker driver (Class D)
Shutdown current < 1uA
Supply voltage
-
SVDD = 2.7V to 5.5V
-
HPVDD = 1.8V
1.8V to 2.7V control interface compatibility
20-bump CSP package
APPLICATIONS
Mobile handsets
BLOCK DIAGRAM


Similar Part No. - WM9093ECS/R

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9090 WOLFSON-WM9090 Datasheet
1Mb / 81P
Ultra Low Power Audio Subsystem
WM9090ECS/R WOLFSON-WM9090ECS/R Datasheet
1Mb / 81P
Ultra Low Power Audio Subsystem
More results

Similar Description - WM9093ECS/R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD80C TI-TLC320AD80C Datasheet
219Kb / 36P
Audio Processor Subsystem
logo
Cypress Semiconductor
W48C20 CYPRESS-W48C20 Datasheet
92Kb / 4P
Audio Subsystem Clock Generator
logo
Intersil Corporation
ISL99203 INTERSIL-ISL99203 Datasheet
406Kb / 17P
High Efficiency Audio Subsystem
December 17, 2009
logo
Maxim Integrated Produc...
MAX97003 MAXIM-MAX97003 Datasheet
4Mb / 48P
High-Efficiency, Low-Noise Audio Subsystem
Rev 0; 9/11
logo
Wolfson Microelectronic...
WM9090 WOLFSON-WM9090 Datasheet
1Mb / 81P
Ultra Low Power Audio Subsystem
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Texas Instruments
TLC320AD80 TI1-TLC320AD80 Datasheet
235Kb / 37P
Audio Processor Subsystem
TLV320AIC3206 TI1-TLV320AIC3206_17 Datasheet
1Mb / 51P
Ultra Low-Power Stereo Audio Codec
logo
Renesas Technology Corp
ISL99203 RENESAS-ISL99203 Datasheet
1Mb / 16P
High Efficiency Audio Subsystem
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867_V01 Datasheet
2Mb / 56P
Ultra-Low Power Stereo Audio Codec
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com