Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 66 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 66 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 62Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 63Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 64Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 65Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 66Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 67Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 68Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 69Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 70Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 84 page
background image
WM9093
Production Data
w
PD, March 2012, Rev 4.2
66
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
1:0
IN2B_SPKMIX
_VOL[1:0]
00
IN2B to SPKMIX volume control
00 = 0dB
01 = -6dB
10 = -9dB
11 = -12dB
Register 22h
SPKMIXL Attenuation
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R36 (24h)
SPKOUT
Mixers
5
IN3_TO_SPKO
UTL
0
Voice Bypass (IN3 Differential) to Speaker Output
enable
0 = Disabled
1 = Enabled
4
SPKMIXL_TO_
SPKOUTL
1
SPKMIX to Speaker Output enable
0 = Disabled
1 = Enabled
Register 24h
SPKOUT Mixers
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R37 (25h)
ClassD3
7
SPK_ATTN_FB
0
Speaker Amp Gain
0 = 0dB
1 = -12dB
Note – this bit has no effect in Class D mode; the 0dB
setting is always implemented in Class D mode.
6
SPK_VREF_A
B_CTRL
1
Selects Reference for Speaker in Class AB mode
0 = SVDD/2
1 = VMID
5:3
SPKOUTL_BO
OST[2:0]
000
Speaker Output Gain Boost
000 = 1.00x boost (+0dB)
001 = 1.19x boost (+1.5dB)
010 = 1.41x boost (+3.0dB)
011 = 1.68x boost (+4.5dB)
100 = 2.00x boost (+6.0dB)
101 = 2.37x boost (+7.5dB)
110 = 2.81x boost (+9.0dB)
111 = 3.98x boost (+12.0dB)
Register 25h
ClassD3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R38 (26h)
Speaker
Volume Left
8
SPKOUT_VU
N/A
Speaker Output PGA Volume Update
Writing a 1 to this bit will update the SPKOUTL volume.
7
SPKOUTL_ZC
0
Speaker Output PGA Zero Cross Control
0 = Change gain immediately
1 = Change gain on zero cross only
6
SPKOUTL_MU
TE
0
Speaker Output PGA Mute
0 = Un-mute
1 = Mute
5:0
SPKOUTL_VO
11_1001
Speaker Output PGA Volume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com