Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 43 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 43 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 39Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 40Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 41Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 42Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 43Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 44Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 45Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 46Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 47Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 84 page
background image
Production Data
WM9093
w
PD, March 2012, Rev 4.2
43
Note that a ‘Dummy’ write can be inserted into a control sequence by commanding the sequencer to
write a value of 0 to bit 0 of Register R255 (FFh). This is effectively a write to a non-existent register
location. This can be used in order to create placeholders ready for easy adaptation of the sequence.
For example, a sequence could be defined to power-up a mono signal path from IN1+ and IN1- to
headphone, with a ‘dummy’ write included to leave space for easy modification to a stereo signal path
configuration. Dummy writes can also be used in order to implement additional time delays between
register writes. Dummy writes are included in the Headphone Start-Up sequence – see Table 21.
In summary, the Control Register to be written is set by the WSEQ_ADDR field. The data bits that are
written are determined by a combination of WSEQ_DATA_START, WSEQ_DATA_WIDTH and
WSEQ_DATA. This is illustrated below for an example case of writing to the VMID_RES field within
Register R1 (01h).
In this example, the Start Position is bit 01 (WSEQ_DATA_START = 0001b) and the Data width is 2
bits (WSEQ_DATA_WIDTH = 0001b). With these settings, the Control Write Sequencer would update
the Control Register R1 [2:1] with the contents of WSEQ_DATA [1:0].
Figure 14 Control Write Sequencer Example
DEFAULT SEQUENCES
When the WM9093 is powered up, a number of Control Write Sequences are available through
default settings in both RAM and ROM memory locations. The pre-programmed default settings
comprise a Headphone Start-Up and a Generic Shut-Down sequence.
Note that the start-up sequence does not include audio signal path or gain setting configuration; this
must be implemented prior to scheduling the sequence. Also, the start-up sequence does not include
configuration of the master bias. The user must enable the clock and the master bias by setting
OSC_ENA and VMID_ENA prior to executing the start-up control sequence. These registers may be
reset to 0 after executing the shut-down sequence.
Index addresses 0 to 15 may be programmed to users’ own settings at any time, as described in
“Programming a Sequence”. Users’ own settings remain in memory regardless of WSEQ_ENA, and
are not affected by software resets (i.e. writing to Register R0). However, any non-default sequences
are lost when the device is powered down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com