Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 45 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 41Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 42Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 43Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 44Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 45Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 46Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 47Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 48Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
Production Data
WM9093
w
PD, March 2012, Rev 4.2
45
Generic Shut-Down
The Generic Shut-Down sequence can be initiated by writing 0110h to Register 73 (49h). This single
operation starts the Control Write Sequencer at Index Address 16 (10h) and executes the sequence
defined in Table 22.
This sequence takes approximately 2.8ms to run.
WSEQ
INDEX
REGISTER
ADDRESS
WIDTH
START
DATA
DELAY
EOS
DESCRIPTION
16 (10h)
R96 (60h)
7 bits
Bit 1
00h
0h
0b
HPOUT1R_DLY = 0
HPOUT1R_OUTP = 0
HPOUT1R_RMV_SHORT = 0
HPOUT1L_DLY = 0
HPOUT1L_OUTP = 0
HPOUT1L_RMV_SHORT = 0
(delay = 0.5ms)
17 (11h)
R84 (54h)
2 bits
Bit 0
00h
0h
0b
DCS_ENA_CHAN_0 = 0
DCS_ENA_CHAN_1 = 0
(delay = 0.5ms)
18 (12h)
R1 (01h)
2 bits
Bit 8
00h
0h
0b
HPOUT1R_ENA = 0
HPOUT1L_ENA = 0
(delay = 0.5ms)
19 (13h)
R76 (4Ch)
1 bit
Bit 15
00h
0h
0b
CP_ENA = 0
(delay = 0.5ms)
20 (14h)
R1 (01h)
2 bits
Bit 12
00h
0h
1b
SPKOUTL_ENA = 0
(delay = 0.5ms)
Table 22 Generic Shut-Down Default Sequence
POWER SEQUENCES AND POP SUPPRESSION CONTROL
The WM9093 incorporates a number of features, including Wolfson’s SilentSwitch™ technology,
designed to suppress pops normally associated with Start-Up, Shut-Down or signal path control. To
achieve maximum benefit from these features, careful attention is required to the sequence and
timing of these controls. Note that, under the recommended usage conditions of the WM9093, these
features will be configured by running the default Start-Up and Shut-Down sequences as described in
the “Control Write Sequencer” section. In these cases, the user does not need to set these register
fields directly. Additional bias controls, also pre-programmed into Control Write Sequencer, are
described in the “Reference Voltages and Master Bias” section.
INPUT VMID CLAMPS
The analogue inputs are biased to VMID in normal operation. In order to avoid audible pops caused
by enabling the inputs, the WM9093 can clamp the input pins to VMID when the relevant input stage
is disabled. This allows pre-charging of the input AC coupling capacitors during power-up.
The Input VMID Clamps connect the input pins to a buffered VMID reference. The buffered VMID
reference is enabled by setting VMID_BUF_ENA. The VMID Clamp is enabled on each pair of input
pins independently using the register bits defined in Table 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com